Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP1 Datasheet(PDF) 89 Page - STMicroelectronics

Part # ST20-GP1
Description  GPS PROCESSOR
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP1 Datasheet(HTML) 89 Page - STMicroelectronics

Back Button ST20-GP1 Datasheet HTML 85Page - STMicroelectronics ST20-GP1 Datasheet HTML 86Page - STMicroelectronics ST20-GP1 Datasheet HTML 87Page - STMicroelectronics ST20-GP1 Datasheet HTML 88Page - STMicroelectronics ST20-GP1 Datasheet HTML 89Page - STMicroelectronics ST20-GP1 Datasheet HTML 90Page - STMicroelectronics ST20-GP1 Datasheet HTML 91Page - STMicroelectronics ST20-GP1 Datasheet HTML 92Page - STMicroelectronics ST20-GP1 Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 116 page
background image
ST20-GP1
89/116
®
PlinkEmi register
The PlinkEmi register determines the mode of operation of the port.
PlinkIO
The PlinkIO register determines the direction of the port interactions when in the DMA mode of
operation.
PlinkMode
The PlinkMode register determines the external protocol used for interactions.
15.4 External data transfer protocols
The byte-wide parallel port has three control pins. PlinknotReq and PlinknotAck control data
transfers and the PlinkOut pin controls external buffers, if required (e.g. an external 3V/5V buffer
device). When the PlinkOut pin is high it signals the plink is outputting.
The control pins can support three external protocols, as follows:
•
Dreq/Dack protocol
•
Valid/Ack protocol
•
Direct DMA protocol
The protocol used for interactions is programmable via the PlinkMode register. In addition, the
direction of the link is controlled by the PlinkIO register (see Table 15.2).
PlinkEmi
Parallel port base address + #00
Read/Write
Bit
Bit field
Function
0
PlinkEmi
This bit determines the mode of operation of the port.
PlinkEmi
Mode
0
DMA mode (reset state)
1
EMI mode
Table 15.1 PlinkEmi register format
PlinkIO
Parallel port base address + #04
Read/Write
Bit
Bit field
Function
0
PlinkIO
This bit controls the direction of the parallel port interactions when in DMA mode.
PlinkIO
Direction
0
inputs (reset state)
1
outputs
Table 15.2 PlinkIO register format
PlinkMode
Parallel port base address + #08
Read/Write
Bit
Bit field
Function
0
PlinkMode
These bits control the external protocol used for interactions.
PlinkMode
Protocol
00
Idle (reset state)
01
Dreq/Dack mode
10
Valid/Ack mode
11
Direct mode
Table 15.3 PlinkMode register format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com