Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP1 Datasheet(PDF) 82 Page - STMicroelectronics

Part # ST20-GP1
Description  GPS PROCESSOR
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP1 Datasheet(HTML) 82 Page - STMicroelectronics

Back Button ST20-GP1 Datasheet HTML 78Page - STMicroelectronics ST20-GP1 Datasheet HTML 79Page - STMicroelectronics ST20-GP1 Datasheet HTML 80Page - STMicroelectronics ST20-GP1 Datasheet HTML 81Page - STMicroelectronics ST20-GP1 Datasheet HTML 82Page - STMicroelectronics ST20-GP1 Datasheet HTML 83Page - STMicroelectronics ST20-GP1 Datasheet HTML 84Page - STMicroelectronics ST20-GP1 Datasheet HTML 85Page - STMicroelectronics ST20-GP1 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 116 page
background image
ST20-GP1
82/116
®
ASCIntEnable register
The ASCIntEnable register enables a source of interrupt.
Interrupts will occur when a status bit in the ASCStatus register is 1, and the corresponding bit in
the ASCIntEnable register is 1.
ASCControl
ASC base address + #0C
Read/Write
Bit
Bit field
Function
2:0
Mode
ASC mode control
Mode2:0
Mode
000
RESERVED
001
8-bit data
010
RESERVED
011
7-bit data + parity
100
9-bit data
101
8-bit data + wake up bit
110
RESERVED
111
8-bit data + parity
4:3
StopBits
Number of stop bits selection
StopBits1:0
Number of stop bits
00
0.5 stop bits
01
1 stop bit
10
1.5 stop bits
11
2 stop bits
5
ParityOdd
Parity selection
0
Even parity (parity bit set on odd number of ‘1’s in data)
1
Odd parity (parity bit set on even number of ‘1’s in data)
6
LoopBack
Loopback mode enable bit
0
Standard transmit/receive mode
1
Loopback mode enabled
7
Run
Baud rate generator run bit
0
Baud rate generator disabled (ASC inactive)
1
Baud rate generator enabled
8
RxEnable
Receiver enable bit
0
Receiver disabled
1
Receiver enabled
15:9
RESERVED. Write 0, will read back 0.
Table 13.5 ASCControl register format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com