Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP1 Datasheet(PDF) 85 Page - STMicroelectronics

Part # ST20-GP1
Description  GPS PROCESSOR
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP1 Datasheet(HTML) 85 Page - STMicroelectronics

Back Button ST20-GP1 Datasheet HTML 81Page - STMicroelectronics ST20-GP1 Datasheet HTML 82Page - STMicroelectronics ST20-GP1 Datasheet HTML 83Page - STMicroelectronics ST20-GP1 Datasheet HTML 84Page - STMicroelectronics ST20-GP1 Datasheet HTML 85Page - STMicroelectronics ST20-GP1 Datasheet HTML 86Page - STMicroelectronics ST20-GP1 Datasheet HTML 87Page - STMicroelectronics ST20-GP1 Datasheet HTML 88Page - STMicroelectronics ST20-GP1 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 116 page
background image
ST20-GP1
85/116
®
14 Parallel input/output
The ST20-GP1 device has 6 bits of Parallel Input/Output (PIO), each bit is programmable as an
input or an output.
The input bits can be compared against a register and an interrupt generated when the value is not
equal.
14.1 PIO Port
Each of the bits of the PIO port has a corresponding bit in the PIO registers associated with the
port. These registers hold: output data for the port (POut); the input data read from the pin (PIn);
PIO bit configuration register (PC1); and the two input compare function registers (PComp and
PMask).
All of the registers, except the PIn register, are each mapped onto three separate addresses so
that bits can be set or cleared individually.
The Set_ register allows bits to be set individually. Writing a ‘1’ in this register sets the
corresponding bit in the associated register, a ‘0’ leaves the bit unchanged.
The Clear_ register allows bits to be cleared individually. Writing a ‘1’ in this register resets the
corresponding bit in the associated register, a ‘0’ leaves the bit unchanged.
14.1.1 PIO Data registers
The base addresses for the PIO registers are given in the Memory Map chapter.
POut register
This register holds output data for the port.
POut
PIO port base address + #00
Read/Write
Bit
Bit field
Function
0
POut0
Output data bit 0
1
POut1
Output data bit 1
2
POut2
Output data bit 2
3
POut3
Output data bit 3
4
POut4
Output data bit 4
5
POut5
Output data bit 5
Table 14.1 POut register format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com