Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP1 Datasheet(PDF) 56 Page - STMicroelectronics

Part # ST20-GP1
Description  GPS PROCESSOR
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP1 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button ST20-GP1 Datasheet HTML 52Page - STMicroelectronics ST20-GP1 Datasheet HTML 53Page - STMicroelectronics ST20-GP1 Datasheet HTML 54Page - STMicroelectronics ST20-GP1 Datasheet HTML 55Page - STMicroelectronics ST20-GP1 Datasheet HTML 56Page - STMicroelectronics ST20-GP1 Datasheet HTML 57Page - STMicroelectronics ST20-GP1 Datasheet HTML 58Page - STMicroelectronics ST20-GP1 Datasheet HTML 59Page - STMicroelectronics ST20-GP1 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 116 page
background image
ST20-GP1
56/116
®
in the following two cases:
•
The previous access was a read and the pending one is a write. The write access will not
start until the programmed number of BusReleaseTime cycles have elapsed.
•
The previous access was to a different bank to the pending access (bank switch). One
cycle is always inserted between accesses to different banks. Note that, if the first condition
is also true, further cycles may be inserted to account for BusReleaseTime.
The first case may be optimized slightly by making use of the DataDriveDelay configuration
register parameter, see Table 9.4. When this is used, the programmed BusReleaseTime may be
smaller, reducing the number of dead cycles, see Figure 9.4.
Figure 9.4 Use of DataDriveDelay parameter
Note, if DataDriveDelay is used, it must be used for all banks. If this rule is not adhered to, bus
contention may occur on bank switches. For example, consider case 2 in Figure 9.4 above. If the
BusReleaseTime coincides with the dead cycle inserted due to a bank switch, contention will
occur unless DataDriveDelay is programmed in the same way as if no bank switch had occurred.
9.4
MemWait
When enabled (see Table 9.4), MemWait is sampled at the midpoint of accesses which are
configured to be four cycles or greater. If the duration of the external access is not an even number
of cycles (i.e. the AccessDuration bit field in the EMIConfigData register, see Table 9.4, is an odd
number), MemWait is sampled on the internal rising clock edge just after the midpoint of the
access.
Once a high has been sampled, the access is stalled. MemWait suspends the state of the EMI in
the cycle after it is sampled high. The state remains suspended until MemWait is sampled low. Any
strobe edges scheduled to occur in the cycle after MemWait is sampled will not occur. Strobe
edges scheduled to occur on the same edge as MemWait is sampled are not affected. Figure 9.5
and Figure 9.6 show the extension of the external memory cycle and the delaying of strobe
Read
Write
BusRelease
time
Case 1. DataDriveDelay set
to zero. All dead time taken up
by BusReleaseTime.
Read
Write
BusRelease
time
DataDriveDelay
Case 2. DataDriveDelay
used to absorb some
BusReleaseTime. Dead time
may be reduced.
Read data
Read data
Write data
Write data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com