Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP1 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST20-GP1
Description  GPS PROCESSOR
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP1 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST20-GP1 Datasheet HTML 9Page - STMicroelectronics ST20-GP1 Datasheet HTML 10Page - STMicroelectronics ST20-GP1 Datasheet HTML 11Page - STMicroelectronics ST20-GP1 Datasheet HTML 12Page - STMicroelectronics ST20-GP1 Datasheet HTML 13Page - STMicroelectronics ST20-GP1 Datasheet HTML 14Page - STMicroelectronics ST20-GP1 Datasheet HTML 15Page - STMicroelectronics ST20-GP1 Datasheet HTML 16Page - STMicroelectronics ST20-GP1 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 116 page
background image
ST20-GP1
13/116
®
is maintained between the satellite one-millisecond epochs and the receiver, despite time-of-
reception variations due to the varying path length from the satellite.
Figure 3.2 DSP packet format
3.1
DSP module registers
The GPS hardware channels of the ST20-GP1 are controlled by three sets of registers:
1
DSPControl register
2
PRNcode0-11 and PRNphase0-11 registers
3
NCOfrequency0-11 and NCOphase0-11 registers
The base addresses for the DSP registers are given in the Memory Map chapter.
DSPControl register
The DSPControl register determines whether the PRN generators are on (normal use) or disabled
(for built-in-self-test of a system), whether the system is in tracking mode (840/970
µs output rate)
or initial acquisition mode (31/62
µs), and selects which of the two rates for each mode. It also
determines whether the accumulated carrier phase in the NCO are reset to zero automatically or
continue from their existing value. The bit allocations are given in Table 3.1.
62 byte packet every 840/970/31/62
µs
Absent 16-bit values padded with #8000
12 x 8-bit
time values
12 x 16-bit
Q values
12 x 16-bit
I values
16-bit
header
sync
sample
rate
Acquisition mode
First packet (in SV ms)
T[7:6] = 10
T[5:0] = time[5:0]
Remaining packets
T[7:6] = 00
T[5:0] = sequence number
(sequence numbers are 2 to
16 or 32)
Tracking mode
T[7:6] = 10
T[5:0] = time[5:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com