Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP1 Datasheet(PDF) 98 Page - STMicroelectronics

Part # ST20-GP1
Description  GPS PROCESSOR
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP1 Datasheet(HTML) 98 Page - STMicroelectronics

Back Button ST20-GP1 Datasheet HTML 94Page - STMicroelectronics ST20-GP1 Datasheet HTML 95Page - STMicroelectronics ST20-GP1 Datasheet HTML 96Page - STMicroelectronics ST20-GP1 Datasheet HTML 97Page - STMicroelectronics ST20-GP1 Datasheet HTML 98Page - STMicroelectronics ST20-GP1 Datasheet HTML 99Page - STMicroelectronics ST20-GP1 Datasheet HTML 100Page - STMicroelectronics ST20-GP1 Datasheet HTML 101Page - STMicroelectronics ST20-GP1 Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 116 page
background image
ST20-GP1
98/116
®
DC specifications
Notes
1
This is the static specification to ensure low current.
2
Output current of 2mA.
3
Output current of -2mA.
4
Excludes power used to drive external loads. Includes operation of the 32 KHz watch crys-
tal oscillator.
5
Device operation suspended by use of the low power controller with VDD and RTCVDD
within specification. Frequency of system clock (fclk) is 16.368 MHz and frequency of low
power clock is 32768 Hz.
6
With RTCVDD within specification and VDD at 0 V. All inputs static except LowPower-
ClockIn and LowPowerClockOsc, frequency of low power clock 32768 Hz. All other
inputs must be in the range -0.1 to 0.1 V.
Symbol Parameter
Min
Typical Max
Units Notes
VDD
Positive supply voltage during normal operation.
3.0
3.3
3.6
V
VDDoff
Positive supply voltage when device is off but real time
clock is running.
-0.3
0
0.3
V
VDDrtc
Voltage at RTCVDD pin referred to GND.
3.0
3.3
3.6
V
VDDdiff
VDD-VDDrtc during normal operation and notRST set to
1.
-0.3
0
0.3
V
1
Vih
Input logic 1 for LPClockIn, notRST and test control pins.
Input logic 1 for all other inputs.
PIO pins.
2.0
2.0
2.4
VDDrtc + 0.5
VDD + 0.5
VDD + 0.5
V
Vil
Input logic 0 for all inputs.
-0.5
0.8
Iin
Input current to input pins.
-10
10
µA
Ioz
Off state digital output current.
-50
50
µA
Vohdc
Output logic 1
2.4
VDD
V2
Voldc
Output logic 0
0
0.4
3
Cin
Input capacitance (input only pins).
4
10
pF
Cout
Output capacitance and capacitance of bidirectional pins.
6
15
pF
Pop
Operational power consumption under heavy device
activity. fclk of 16.368 MHz and SpeedSelect set to PLL
operation (x1). No external memory used.
0.5
0.8
W
4
Papp
Operational power consumption under ‘typical’ device
activity. fclk of 16.368 MHz and SpeedSelect set to PLL
operation (x2). External memory used.
0.75
1.1
W
4
Pstby
Operational power during stand-by.
0.16
0.3
W
5
Prtc
Operational power for the real time clock only, supplied
through the RTCVDD pin.
1mW
6
Table 17.3 DC specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com