Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP1 Datasheet(PDF) 50 Page - STMicroelectronics

Part # ST20-GP1
Description  GPS PROCESSOR
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP1 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button ST20-GP1 Datasheet HTML 46Page - STMicroelectronics ST20-GP1 Datasheet HTML 47Page - STMicroelectronics ST20-GP1 Datasheet HTML 48Page - STMicroelectronics ST20-GP1 Datasheet HTML 49Page - STMicroelectronics ST20-GP1 Datasheet HTML 50Page - STMicroelectronics ST20-GP1 Datasheet HTML 51Page - STMicroelectronics ST20-GP1 Datasheet HTML 52Page - STMicroelectronics ST20-GP1 Datasheet HTML 53Page - STMicroelectronics ST20-GP1 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 116 page
background image
ST20-GP1
50/116
®
9
Programmable memory interface
The ST20-GP1 programmable memory interface provides glueless support for up to four banks of
SRAM or ROM memory. Sufficient configuration options are provided to enable the interface to be
used with a wide variety of SRAM speeds, permitting systems to be built with optimum price/
performance trade-offs.
Although designed primarily for SRAM-like memory devices, the configurability enables glueless
connection to other peripheral devices such as FIFOs and UARTs.
The programmable memory interface is also referred to as the external memory interface (EMI).
The EMI provides configuration information for four independent banks of external memory
devices. The addresses of these bank boundaries are hard wired to give each bank one quarter of
the address space of the machine. Bank 0 occupies the lowest quarter of the [signed] address
space, bank 3 is the highest, see Figure 9.1. Each bank can contain up to 1 Mbyte of external
memory.
Figure 9.1 Memory allocation
00000000
7FFFFFFF
FFFFFFFF
80000000
Internal SRAM
BFFFFFFF
C0000000
3FFFFFFF
40000000
On-chip peripheral registers (including the EMI
configuration registers) are mapped into the upper
half of this bank.
Addresses shown are physical addresses.
On-chip peripheral
Subsystem
channels
Traps/
exceptions
Internal
SRAM
20000000
1FFFFFFF
registers
80000000
MemStart
80000FFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com