Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP1 Datasheet(PDF) 77 Page - STMicroelectronics

Part # ST20-GP1
Description  GPS PROCESSOR
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP1 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button ST20-GP1 Datasheet HTML 73Page - STMicroelectronics ST20-GP1 Datasheet HTML 74Page - STMicroelectronics ST20-GP1 Datasheet HTML 75Page - STMicroelectronics ST20-GP1 Datasheet HTML 76Page - STMicroelectronics ST20-GP1 Datasheet HTML 77Page - STMicroelectronics ST20-GP1 Datasheet HTML 78Page - STMicroelectronics ST20-GP1 Datasheet HTML 79Page - STMicroelectronics ST20-GP1 Datasheet HTML 80Page - STMicroelectronics ST20-GP1 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 116 page
background image
ST20-GP1
77/116
®
13.3.1 Baud rates
The baud rate generator provides a clock at 16 times the baud rate. The baud rate and the required
reload value for a given baud rate can be determined by the following formulas:
where: <ASCBaudRate> represents the content of the ASCBaudRate register, taken as unsigned
16-bit integer,
fCPU is the frequency of the CPU.
Note that altering the CPU speed selection pins will thus change the baud rate. Software can
accommodate this by reading the SysRatio register, see section 10.3, in calculating the CPU
frequency.
The table below lists various commonly used baud rates together with the required reload values
and the deviation errors for the ST20-GP1 using a CPU clock of 33.736 MHz.
Note: The deviation errors given in the table above are rounded.
13.4 Interrupt control
The ASC contains two registers that are used to control interrupts, the status register (ASCStatus)
and the interrupt enable register (ASCIntEnable). The status bits in the ASCStatus register
determine the cause of the interrupt. Interrupts will occur when a status bit is 1 (high) and the
corresponding bit in the ASCIntEnable register is 1.
The error interrupt signal (ErrorInterrupt) is generated by the ASC from the OR of the parity error,
framing error, and overrun error status bits after they have been ANDed with the corresponding
enable bits in the ASCIntEnable register.
Baud rate
Reload value
(exact)
Reload value
(integer)
Reload value
(hex)
Deviation error
38400
53.28125
53
35
-0.53%
28800
71.04167
71
47
-0.06%
19200
106.5625
107
6B
0.41%
14400
142.0833
142
8E
-0.06%
9600
213.125
213
D5
-0.06%
4800
426.25
426
1AA
-0.06%
2400
852.5
853
355
0.06%
1200
1705
1705
6A9
0.00%
600
3410
3410
D52
0.00%
300
6820
6820
1AA4
0.00%
75
27280
27280
6A90
0.00%
Table 13.1 Baud rates
Baud rate =
16 (<ASCBaudRate>)
<ASCBaudRate> = (
16 x Baud rate
)
fCPU
fCPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com