Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP1 Datasheet(PDF) 25 Page - STMicroelectronics

Part # ST20-GP1
Description  GPS PROCESSOR
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP1 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button ST20-GP1 Datasheet HTML 21Page - STMicroelectronics ST20-GP1 Datasheet HTML 22Page - STMicroelectronics ST20-GP1 Datasheet HTML 23Page - STMicroelectronics ST20-GP1 Datasheet HTML 24Page - STMicroelectronics ST20-GP1 Datasheet HTML 25Page - STMicroelectronics ST20-GP1 Datasheet HTML 26Page - STMicroelectronics ST20-GP1 Datasheet HTML 27Page - STMicroelectronics ST20-GP1 Datasheet HTML 28Page - STMicroelectronics ST20-GP1 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 116 page
background image
ST20-GP1
25/116
®
Trap groups encoding is shown in Table 4.4 below. These codes are used to identify trap groups to
various instructions.
In addition to the trap groups mentioned above, the CauseError flag in the Status register is used
to signal when a trap condition has been activated by the
causeerror instruction. It can be used to
indicate when trap conditions have occurred due to the user setting them, rather than by the
system.
4.6.2
Events that can cause traps
Table 4.4 summarizes the events that can cause traps and gives the encoding of bits in the trap
Status and Enable words.
Trap group
Code
Breakpoint
0
CPU Errors
1
System operations
2
Scheduler
3
Table 4.3 Trap group codes
Trap cause
Status/Enable
codes
Trap
group
Comments
Breakpoint
0
0
When a process executes the breakpoint instruction (
j0) then it traps
to its trap handler.
IntegerError
1
1
Integer error other than integer overflow – e.g. explicitly checked or
explicitly set error.
Overflow
2
1
Integer overflow or integer division by zero.
IllegalOpcode
3
2
Attempt to execute an illegal instruction. This is signalled when
opr
(operate) is executed with an invalid operand.
LoadTrap
4
2
When the trap descriptor is read with the
ldtraph (load trap handler)
instruction or when the trapped process status is read with the
ldtrapped (load trapped) instruction.
StoreTrap
5
2
When the trap descriptor is written with the
sttraph (store trap handler)
instruction or when the trapped process status is written with the
sttrapped (store trapped) instruction.
InternalChannel
6
3
Scheduler trap from internal channel.
ExternalChannel
7
3
Scheduler trap from external channel.
Timer
8
3
Scheduler trap from timer alarm.
Timeslice
9
3
Scheduler trap from timeslice.
Run
10
3
Scheduler trap from
runp (run process) or startp (start process).
Signal
11
3
Scheduler trap from
signal.
ProcessInterrupt
12
3
Start executing a process at a new priority level.
QueueEmpty
13
3
Caused by no process active at a priority level.
CauseError
15 (Status only)
Any,
encoded
0-3
Signals that the
causeerror instruction set the trap flag.
Table 4.4 Trap causes and Status/Enable codes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com