Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP1 Datasheet(PDF) 30 Page - STMicroelectronics

Part # ST20-GP1
Description  GPS PROCESSOR
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP1 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button ST20-GP1 Datasheet HTML 26Page - STMicroelectronics ST20-GP1 Datasheet HTML 27Page - STMicroelectronics ST20-GP1 Datasheet HTML 28Page - STMicroelectronics ST20-GP1 Datasheet HTML 29Page - STMicroelectronics ST20-GP1 Datasheet HTML 30Page - STMicroelectronics ST20-GP1 Datasheet HTML 31Page - STMicroelectronics ST20-GP1 Datasheet HTML 32Page - STMicroelectronics ST20-GP1 Datasheet HTML 33Page - STMicroelectronics ST20-GP1 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 116 page
background image
ST20-GP1
30/116
®
workspace. The values of Iptr and Status to be used by the interrupt handler are loaded from this
workspace and starts executing the handler. The value of Wptr is then set to the bottom of this
save area.
When an interrupt occurs when the CPU was idle or running at low priority, the Status is saved.
This indicates that no valid process is running (
Null Status). The interrupted processes (low priority
process) state is stored in shadow registers. This state can be accessed via the
ldshadow (load
shadow registers) and
stshadow (store shadow registers) instructions. The interrupt handler is then
run at high priority.
When the interrupt routine has completed it must adjust Wptr to the value at the start of the
handler code and then execute the
iret (interrupt return) instruction. This restores the interrupted
state from the interrupt handler structure and signals to the interrupt controller that the interrupt has
completed. The processor will then continue from where it was before being interrupted.
5.3
Interrupt latency
The interrupt latency is dependent on the data being accessed and the position of the interrupt
handler and the interrupted process. This allows systems to be designed with the best trade-off use
of fast internal memory and interrupt latency.
5.4
Pre-emption and interrupt priority
Each interrupt channel has an implied priority fixed by its place in the interrupt vector table. All
interrupts will cause scheduled processes of any priority to be suspended and the interrupt handler
started. Once an interrupt has been sent from the controller to the CPU the controller keeps a
record of the current executing interrupt priority. This is only cleared when the interrupt handler
executes a return from interrupt (
iret) instruction. Interrupts of a lower priority arriving will be
blocked by the interrupt controller until the interrupt priority has descended to such a level that the
routine will execute. An interrupt of a higher priority than the currently executing handler will be
passed to the CPU and cause the current handler to be suspended until the higher priority interrupt
is serviced.
In this way interrupts can be nested and a higher priority interrupt will always pre-empt a lower
priority one. Deep nesting and placing frequent interrupts at high priority can result in a system
where low priority interrupts are never serviced or the controller and CPU time are consumed in
nesting interrupt priorities and not executing the interrupt handlers.
5.5
Restrictions on interrupt handlers
There are various restrictions that must be placed on interrupt handlers to ensure that they interact
correctly with the rest of the process model implemented in the CPU.
1
Interrupt handlers must not deschedule.
2
Interrupt handlers must not execute communication instructions. However they may com-
municate with other processes through shared variables using the semaphore
signal to
synchronize.
3
Interrupt handlers must not perform block move instructions.
4
Interrupt handlers must not cause program traps. However they may be trapped by a
scheduler trap.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com