Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP1 Datasheet(PDF) 75 Page - STMicroelectronics

Part # ST20-GP1
Description  GPS PROCESSOR
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP1 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button ST20-GP1 Datasheet HTML 71Page - STMicroelectronics ST20-GP1 Datasheet HTML 72Page - STMicroelectronics ST20-GP1 Datasheet HTML 73Page - STMicroelectronics ST20-GP1 Datasheet HTML 74Page - STMicroelectronics ST20-GP1 Datasheet HTML 75Page - STMicroelectronics ST20-GP1 Datasheet HTML 76Page - STMicroelectronics ST20-GP1 Datasheet HTML 77Page - STMicroelectronics ST20-GP1 Datasheet HTML 78Page - STMicroelectronics ST20-GP1 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 116 page
background image
ST20-GP1
75/116
®
Figure 13.3 9-bit data frames
Transmission
Transmission begins at the next overflow of the divide-by-16 counter (see Figure 13.3 above),
provided that the Run bit is set and data has been loaded into the ASCTxBuffer. The transmitted
data frame consists of three basic elements:
•
the start bit
•
the data field (8 or 9 bits, least significant bit (LSB) first, including a parity bit, if selected)
•
the stop bits (0.5, 1, 1.5 or 2 stop bits)
Data transmission is double buffered. When the transmitter is idle, the transmit data written into the
transmit buffer is immediately moved to the transmit shift register, thus freeing the transmit buffer
for the next data to be sent. This is indicated by the transmit buffer empty flag (TxBufEmpty) being
set. The transmit buffer can be loaded with the next data, while transmission of the previous data is
still going on.
The transmitter empty flag (TxEmpty) will be set at the beginning of the last data frame bit that is
transmitted, i.e. during the first system clock cycle of the first stop bit shifted out of the transmit shift
register.
Reception
Reception is initiated by a falling edge on the data input pin (RXD), provided that the Run and
RxEnable bits are set. The RXD pin is sampled at 16 times the rate of the selected baud rate. A
majority decision of the first, second and third samples of the start bit determines the effective bit
value. This avoids erroneous results that may be caused by noise.
If the detected value is not a 0 when the start bit is sampled, the receive circuit is reset and waits
for the next falling edge transition of the RXD pin. If the start bit is valid, the receive circuit
continues sampling and shifts the incoming data frame into the receive shift register. For
subsequent data and parity bits, the majority decision of the seventh, eighth and ninth samples in
each bit time is used to determine the effective bit value.
For 0.5 stop bits, the majority decision of the third, fourth, and fifth samples during the stop bit is
used to determine the effective stop bit value.
For 1 and 2 stop bits, the majority decision of the seventh, eighth, and ninth samples during the
stop bits is used to determine the effective stop bit values.
1st
stop
bit
2nd
stop
bit
start
bit
D0
(LSB)
D1
D2
D3
D4
D5
D6
9th
bit
D7
• Data bit (D8)
• Parity bit
• Wake-up bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com