Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP1 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST20-GP1
Description  GPS PROCESSOR
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP1 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST20-GP1 Datasheet HTML 6Page - STMicroelectronics ST20-GP1 Datasheet HTML 7Page - STMicroelectronics ST20-GP1 Datasheet HTML 8Page - STMicroelectronics ST20-GP1 Datasheet HTML 9Page - STMicroelectronics ST20-GP1 Datasheet HTML 10Page - STMicroelectronics ST20-GP1 Datasheet HTML 11Page - STMicroelectronics ST20-GP1 Datasheet HTML 12Page - STMicroelectronics ST20-GP1 Datasheet HTML 13Page - STMicroelectronics ST20-GP1 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 116 page
background image
ST20-GP1
10/116
®
Serial communications
The
ST20-GP1
has
two
UARTs
(Asynchronous
Serial
Controllers
(ASCs))
for
serial
communication. The UARTs provide an asynchronous serial interface and can be programmed to
support a range of baud rates and data formats, for example, data size, stop bits and parity.
There is one OS-Link on the ST20-GP1 which acts as a DMA engine independent of the CPU. The
OS-Link uses an asynchronous bit-serial (byte-stream) protocol, each bit received is sampled five
times, hence the term
oversampled link (OS-Link). The OS-Link provides a pair of channels, one
input and one output channel. The link is used for:
•
bootstrapping during development,
•
debugging,
•
communicating with OS-Link peripherals or other ST20 devices.
Interrupt subsystem
The ST20-GP1 interrupt subsystem supports five prioritized interrupts. Three interrupts are
connected to on-chip peripherals (2 for the UARTs, 1 for the programmable IO) and two are
available as external interrupt pins.
All interrupts are at a higher priority than the high priority process queue. Each interrupt level has a
higher priority than the previous and each level supports only one software handler process.
Note that interrupt handlers must not prevent the GPS DSP data traffic from being handled. During
continuous operation this has 1 ms latency and is not a problem, but during initial acquisition it has
a 32
µs rate and thus all interrupts must be disabled except if used to stop GPS operation.
Byte-wide parallel port
The byte-wide parallel port is provided to communicate with an external device. It transfers a byte
at a time, operating half duplex in the program-selected direction.
Parallel IO module
Six bits of parallel IO are provided. Each bit is programmable as an output or an input. Edge
detection logic is provided which can generate an interrupt on any change of an input bit.
System services module
The ST20-GP1 system services module includes:
•
reset, initialization and error port.
•
phase locked loop (PLL) — accepts 16.368 MHz input and generates all the internal high
frequency clocks needed for the CPU and the OS-Link.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com