Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP1 Datasheet(PDF) 91 Page - STMicroelectronics

Part # ST20-GP1
Description  GPS PROCESSOR
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP1 Datasheet(HTML) 91 Page - STMicroelectronics

Back Button ST20-GP1 Datasheet HTML 87Page - STMicroelectronics ST20-GP1 Datasheet HTML 88Page - STMicroelectronics ST20-GP1 Datasheet HTML 89Page - STMicroelectronics ST20-GP1 Datasheet HTML 90Page - STMicroelectronics ST20-GP1 Datasheet HTML 91Page - STMicroelectronics ST20-GP1 Datasheet HTML 92Page - STMicroelectronics ST20-GP1 Datasheet HTML 93Page - STMicroelectronics ST20-GP1 Datasheet HTML 94Page - STMicroelectronics ST20-GP1 Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 116 page
background image
ST20-GP1
91/116
®
15.4.2 Valid/Ack protocol
In this mode the 2 control pins PlinknotReq (Qack/Ivalid) and PlinknotAck (Qvalid/Iack) are active
high. The initial (inactive) state of the 2 control wires is low.
Valid Ack output
An output transaction proceeds as follows.
1
The DMA is programmed to perform an
out and the DMA engine receives its first byte in the
buffer from the EMI.
2
The PLink drives the data to the PlinkData0-7 pins and drives PlinknotAck (Qvalid) high.
3
The external device acknowledges receipt of the data by taking PlinknotReq (Qack) high.
The PLink can then take PlinknotAck (Qvalid) low.
4
The external device can take PlinknotReq (Qack) low ready for the next transaction.
Valid Ack input
An input transaction proceeds as follows.
1
The external device drives the data pins and PlinknotReq (Ivalid) is asserted high.
2
If the DMA engine has empty buffer space PlinkData0-7 is latched and PlinknotAck (Iack)
is driven high by the PLink. The DMA writes to the appropriate address in memory.
3
The external device can then drive PlinknotReq (Ivalid) low.
4
PlinknotAck (Iack) can be taken low. The external device can then initiate the next transac-
tion.
Figure 15.2 Valid/Ack protocol
ST20 Output
PlinknotAck
PlinknotReq
ST20 Input
PlinknotReq
PlinknotAck
PlinkData0-7
PlinkData0-7
valid data
old data
(Qvalid)
(Qack)
(Ivalid)
(Iack)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com