Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP1 Datasheet(PDF) 28 Page - STMicroelectronics

Part # ST20-GP1
Description  GPS PROCESSOR
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP1 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button ST20-GP1 Datasheet HTML 24Page - STMicroelectronics ST20-GP1 Datasheet HTML 25Page - STMicroelectronics ST20-GP1 Datasheet HTML 26Page - STMicroelectronics ST20-GP1 Datasheet HTML 27Page - STMicroelectronics ST20-GP1 Datasheet HTML 28Page - STMicroelectronics ST20-GP1 Datasheet HTML 29Page - STMicroelectronics ST20-GP1 Datasheet HTML 30Page - STMicroelectronics ST20-GP1 Datasheet HTML 31Page - STMicroelectronics ST20-GP1 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 116 page
background image
ST20-GP1
28/116
®
5
Interrupt controller
The ST20-GP1 supports external interrupts, enabling an on-chip subsystem or external interrupt
pin to interrupt the currently running process in order to run an interrupt handling process.
The ST20-GP1 interrupt subsystem supports five prioritized interrupts. This allows nested pre-
emptive interrupts for real-time system design. Three interrupts are connected to on-chip
peripherals (2 for the UARTs, 1 for the programmable IO) and two are available as external
interrupt pins.
All interrupts are at a higher priority than the high priority process queue, see Figure 5.1. Each
interrupt level has a higher priority than the previous (interrupt 0 is lowest priority) and each level
supports only one software handler process.Note that interrupt handlers must not prevent the GPS
DSP data traffic from being handled. During continuous operation this has 1 ms latency and is not
a problem, but during initial acquisition it has a 32
µs rate and thus all interrupts must be disabled
except if used to stop GPS operation.
Figure 5.1 Interrupt priority
Interrupts on the ST20-GP1 are implemented via an on-chip interrupt controller peripheral. An
interrupt can be signalled to the controller by one of the following:
•
a signal on an external Interrupt pin
•
a signal from an internal peripheral or subsystem
•
software asserting an interrupt in a bit mask
Interrupt 3
Interrupt 1
Interrupt 0
High priority
Low priority
Increasing
pre-emption
process
process
Programmable IO
UART0
Interrupt 2
UART1
Interrupt0 pin
Interrupt 4
Interrupt1 pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com