Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP1 Datasheet(PDF) 40 Page - STMicroelectronics

Part # ST20-GP1
Description  GPS PROCESSOR
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP1 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button ST20-GP1 Datasheet HTML 36Page - STMicroelectronics ST20-GP1 Datasheet HTML 37Page - STMicroelectronics ST20-GP1 Datasheet HTML 38Page - STMicroelectronics ST20-GP1 Datasheet HTML 39Page - STMicroelectronics ST20-GP1 Datasheet HTML 40Page - STMicroelectronics ST20-GP1 Datasheet HTML 41Page - STMicroelectronics ST20-GP1 Datasheet HTML 42Page - STMicroelectronics ST20-GP1 Datasheet HTML 43Page - STMicroelectronics ST20-GP1 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 116 page
background image
ST20-GP1
40/116
®
Memory
code
Mnemonic
Processor
cycles
Name
Notes
F7
in
input message
D
FB
out
output message
D
FF
outword
output word
D
FE
outbyte
output byte
D
24F3
alt
2
alt start
24F4
altwt
3 to 6
alt wait
D
24F5
altend
8
alt end
24F9
enbs
1 to 2
enable skip
23F0
diss
1
disable skip
21F2
resetch
3
reset channel
24F8
enbc
1 to 4
enable channel
22FF
disc
1 to 6
disable channel
Table 6.10 Input and output operation codes
Memory
code
Mnemonic
Processor
cycles
Name
Notes
22F0
ret
2
return
21FB
ldpi
1
load pointer to instruction
23FC
gajw
2 to 3
general adjust workspace
F6
gcall
6
general call
22F1
lend
4 to 5
loop end
T
Table 6.11 Control operation codes
Memory
code
Mnemonic
Processor
cycles
Name
Notes
FD
startp
5 to 6
start process
F3
endp
4 to 6
end process
D
23F9
runp
3
run process
21F5
stopp
2
stop process
21FE
ldpri
1
load current priority
Table 6.12 Scheduling operation codes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com