Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP1 Datasheet(PDF) 72 Page - STMicroelectronics

Part # ST20-GP1
Description  GPS PROCESSOR
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP1 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button ST20-GP1 Datasheet HTML 68Page - STMicroelectronics ST20-GP1 Datasheet HTML 69Page - STMicroelectronics ST20-GP1 Datasheet HTML 70Page - STMicroelectronics ST20-GP1 Datasheet HTML 71Page - STMicroelectronics ST20-GP1 Datasheet HTML 72Page - STMicroelectronics ST20-GP1 Datasheet HTML 73Page - STMicroelectronics ST20-GP1 Datasheet HTML 74Page - STMicroelectronics ST20-GP1 Datasheet HTML 75Page - STMicroelectronics ST20-GP1 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 116 page
background image
ST20-GP1
72/116
®
13 UART interface (ASC)
The UART interface, also referred to as the Asynchronous Serial Controller (ASC), provides serial
communication between the ST20 device and other microcontrollers, microprocessors or external
peripherals.
The ASC supports full-duplex asynchronous communication, where both the transmitter and the
receiver use the same data frame format and the same baud rate. Data is transmitted on the
transmit data output pin (TXD) and received on the receive data input pin (RXD).
Figure 13.1 Block diagram of the ASC
CPU
clock
Transmit buffer
register (TxBuffer)
Receive buffer
register (RxBuffer)
Internal bus
Transmit shift
register
Receive shift
register
TXD
MUX
0
1
Sampling
RXD
Transmitter
empty interrupt
Error
interrupt
Receive buffer
full interrupt
Serial port control
Shift clock
Clock
LoopBack
Mode
StopBits
Baud rate timer
Run
Reload register
RxEnable
ParityOdd
4 -input OR
gate
ASC_interrupt
Transmit buffer
empty interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com