Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP1 Datasheet(PDF) 65 Page - STMicroelectronics

Part # ST20-GP1
Description  GPS PROCESSOR
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP1 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button ST20-GP1 Datasheet HTML 61Page - STMicroelectronics ST20-GP1 Datasheet HTML 62Page - STMicroelectronics ST20-GP1 Datasheet HTML 63Page - STMicroelectronics ST20-GP1 Datasheet HTML 64Page - STMicroelectronics ST20-GP1 Datasheet HTML 65Page - STMicroelectronics ST20-GP1 Datasheet HTML 66Page - STMicroelectronics ST20-GP1 Datasheet HTML 67Page - STMicroelectronics ST20-GP1 Datasheet HTML 68Page - STMicroelectronics ST20-GP1 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 116 page
background image
ST20-GP1
65/116
®
SysRatio
The SysRatio register is a read only register and gives the speed at which the system PLL is running.
It contains the relevant PLL multiply ratio when using the PLL, or contains the value ‘1’ when in
TimesOneMode for the PLL.
Table 10.9 SysRatio register format
WdEnable
Setting the WdEnable register enables the low power alarm counter to be used as a watchdog
timer.
Table 10.10 WdEnable register format
WdFlag
This register can be used to determine if the device was reset by the notRST input or by a
watchdog time-out.
Note that this bit is not reset by the CPUReset input.
Table 10.11 WdFlag register format
10.4 Clocking sources
The low power timer and alarm must be clocked at all times by one of the following clocking sources:
•
External clock input (LPClockIn) — this clock must not be more than one eighth of the sys-
tem clock rate. In this case the LPClockOsc pin should not be connected on the board.
•
Watch crystal, as in Figure 10.1.
SysRatio
LPC base address + #500
Read
Bit
Bit field
Function
5:0
SysRatio
PLL speed, as follows:
SysRatio PLL
1
x1
TimesOneMode
2
x1
16.368 MHz
4
x2
32.736 MHz
6
x3
RESERVED
WdEnable
LPC base address + #510
Read/Write
Bit
Bit field
Function
0
WdEnable
Determines whether the low power alarm is set to operate as an alarm or as a
watchdog timer.
0
alarm
1
watchdog
WdFlag
LPC base address + #514
Read
Bit
Bit field
Function
0
WdFlag
Watchdog timer flag.
0
set to 0 by an external notRST
1
set to 1 when the watchdog counter is #1 and the WdEnable register is 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com