Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP1 Datasheet(PDF) 52 Page - STMicroelectronics

Part # ST20-GP1
Description  GPS PROCESSOR
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP1 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button ST20-GP1 Datasheet HTML 48Page - STMicroelectronics ST20-GP1 Datasheet HTML 49Page - STMicroelectronics ST20-GP1 Datasheet HTML 50Page - STMicroelectronics ST20-GP1 Datasheet HTML 51Page - STMicroelectronics ST20-GP1 Datasheet HTML 52Page - STMicroelectronics ST20-GP1 Datasheet HTML 53Page - STMicroelectronics ST20-GP1 Datasheet HTML 54Page - STMicroelectronics ST20-GP1 Datasheet HTML 55Page - STMicroelectronics ST20-GP1 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 116 page
background image
ST20-GP1
52/116
®
the initial bus width of all banks after reset.
9.2
Strobe allocation
9.3
External accesses
The EMI differentiates accesses and transactions. An access is the lowest denominator of a
transaction. Since the ST20 word size is 32 bits, several accesses are required to complete a
transaction in most cases. The following are cases where several accesses may not be required:
CPU executes a
sb (store byte), lb (load byte) or ss (store sixteen), ls (load sixteen) instruc-
tion.
CPU is executing a
move2dnonzero (2D block copy non-zero bytes) or move2dzero (2D
block copy zero bytes) instruction and the data dictates that certain bytes are not to be
written.
The first or last DMA operation to or from a link is to a non word aligned byte address.
Figure 9.2 shows the generic EMI activity during a read access and the configurable parameters.
The rising edge of notMemOE always occurs at the end of the read access just after the data is
latched on chip. notMemWB0 is always inactive during a read access. notMemWB1 activity
during a read access depends on the bus width for the bank. The strobe is inactive if the bus width
is configured to be 16-bit. If the bus width is configured to be 8-bit, notMemWB1behaves as
address bit 0 with the same timing as MemAddr1-19.
BootSource[1:0] Bootstrap start-up conditions
00
Boot from link. 16-bit bus width for all banks.
01
Boot from ROM. 8-bit bus width for all banks. Link operational.
10
Boot from ROM. 16-bit bus width for all banks. Link powered down.
11
Boot from ROM. 8-bit bus width for all banks. Link powered down.
Table 9.1 BootSource0-1 encoding
Pin
Bank allocation
Correspondence
Active access type
notMemCE0-3
1 per bank
0
⇒ bank 0
1
⇒ bank 1
2
⇒ bank 2
3
⇒ bank 3
Reads and writes
notMemOE0-3
1 per bank
0
⇒ bank 0
1
⇒ bank 1
2
⇒ bank 2
3
⇒ bank 3
Reads only
notMemWB0
Shared amongst
all banks.
MemData0-7
Writes only. Indicates valid write data on MemData0-7.
notMemWB1
Shared amongst
all banks.
16-bit bus:
MemData8-15
Writes only. Indicates valid write data on MemData8-15.
8-bit bus:
not applicable
Reads and writes. Behaves as address bit 0 with same
timing as MemAddr1-19.
Table 9.2 Strobe allocation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com