Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP1 Datasheet(PDF) 102 Page - STMicroelectronics

Part # ST20-GP1
Description  GPS PROCESSOR
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP1 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button ST20-GP1 Datasheet HTML 98Page - STMicroelectronics ST20-GP1 Datasheet HTML 99Page - STMicroelectronics ST20-GP1 Datasheet HTML 100Page - STMicroelectronics ST20-GP1 Datasheet HTML 101Page - STMicroelectronics ST20-GP1 Datasheet HTML 102Page - STMicroelectronics ST20-GP1 Datasheet HTML 103Page - STMicroelectronics ST20-GP1 Datasheet HTML 104Page - STMicroelectronics ST20-GP1 Datasheet HTML 105Page - STMicroelectronics ST20-GP1 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 116 page
background image
ST20-GP1
102/116
®
19 Timing specifications
19.1 EMI timings
The timings are based on a 50 pF load, and are taken at a threshold of 1.5 V.
Table 19.1 EMI cycle timings
Note: The ‘Reference clock’ used in the EMI timings is a virtual clock and is defined as the point at
which all data and address outputs are valid. This is designed to remove process dependent skews
from the datasheet description and highlight the dominant influence of address and data timings on
memory system design.
Symbol Parameter
Min
Max
Units Notes
tCHAV
Reference clock high to Address valid
-9.0
0.0
ns
tCLSV
Reference clock low to Strobe valid
-11.0
3.0
ns
tCHSV
Reference clock high to Strobe valid
-9.0
0.0
ns
tRDVCH
Read Data valid to Reference clock high
32.0
-
ns
tCHRDX
Read Data hold after Reference clock high
-9.0
-
ns
tCHWDV
Reference clock high to Write Data valid
-9.0
2.0
ns
tWVCH
MemWait valid to Reference clock high
27.0
-
ns
tCHWX
MemWait hold after Reference clock high
-6.0
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com