Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP1 Datasheet(PDF) 104 Page - STMicroelectronics

Part # ST20-GP1
Description  GPS PROCESSOR
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP1 Datasheet(HTML) 104 Page - STMicroelectronics

Back Button ST20-GP1 Datasheet HTML 100Page - STMicroelectronics ST20-GP1 Datasheet HTML 101Page - STMicroelectronics ST20-GP1 Datasheet HTML 102Page - STMicroelectronics ST20-GP1 Datasheet HTML 103Page - STMicroelectronics ST20-GP1 Datasheet HTML 104Page - STMicroelectronics ST20-GP1 Datasheet HTML 105Page - STMicroelectronics ST20-GP1 Datasheet HTML 106Page - STMicroelectronics ST20-GP1 Datasheet HTML 107Page - STMicroelectronics ST20-GP1 Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 116 page
background image
ST20-GP1
104/116
®
19.2 Link timings
Notes
1
This is the variation in the total delay through buffers, transmission lines, differential receiv-
ers etc., caused by such things as short term variation in supply voltages and differences in
delays for rising and falling edges.
Table 19.2 Link timings
Figure 19.2 Link timings
Figure 19.3 Buffered Link timings
Symbol
Parameter
Min
Nom
Max
Units
Notes
tJQr
LinkOut rise time
20
ns
tJQf
LinkOut fall time
10
ns
tJDr
LinkIn rise time
20
ns
tJDf
LinkIn fall time
20
ns
tJQJD
Buffered edge delay
0
ns
∆tJB
Variation in tJQJD
20 Mbits/s
3
ns
1
10 Mbits/s
10
ns
1
5 Mbits/s
30
ns
1
CLIZ
LinkIn capacitance
@ f=1MHz
10
pF
CLL
LinkOut load capacitance
50
pF
tJQf
90%
10%
tJQr
tJDf
90%
10%
tJDr
LinkOut
LinkIn
1.5 V
Latest tJQJD
LinkOut
LinkIn
1.5 V
∆tJB
Earliest tJQJD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com