Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP1 Datasheet(PDF) 107 Page - STMicroelectronics

Part # ST20-GP1
Description  GPS PROCESSOR
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP1 Datasheet(HTML) 107 Page - STMicroelectronics

Back Button ST20-GP1 Datasheet HTML 103Page - STMicroelectronics ST20-GP1 Datasheet HTML 104Page - STMicroelectronics ST20-GP1 Datasheet HTML 105Page - STMicroelectronics ST20-GP1 Datasheet HTML 106Page - STMicroelectronics ST20-GP1 Datasheet HTML 107Page - STMicroelectronics ST20-GP1 Datasheet HTML 108Page - STMicroelectronics ST20-GP1 Datasheet HTML 109Page - STMicroelectronics ST20-GP1 Datasheet HTML 110Page - STMicroelectronics ST20-GP1 Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 116 page
background image
ST20-GP1
107/116
®
19.5 Parallel port timings
19.5.1 Dreq/Dack protocol
In this mode the two control pins PlinknotReq (Dreq) and PlinknotAck (Dack) are active low. The
initial (inactive) state of the two control wires is high.
Notes:
1
This will be a maximum of 200 ns if the port is already programmed either to accept another
byte or to write another byte and the port has the data available. In the extreme case for a
PLink output this value could be very large if the link has to wait for other external accesses
to complete before it can read the data to write out through the PLink.
Figure 19.6 Byte-wide parallel port timings when using the Dreq/Dack protocol
Symbol Parameter
Min
Max
Units
PLink is output tPALPDV
PlinknotAck falling transition to PlinkData valid
100
ns
tPAHDOX PlinkData hold time after rising edge of PlinknotAck
10
ns
tPAHDOZ PlinkData output tristate time from PlinknotAck rising edge
90
ns
PLink is input
tPAHDIX
PlinkData hold after PlinknotAck rising edge
0
ns
tPALDIV
PlinkData valid after PlinknotAck falling edge
20
ns
PLink is input
or output
tPAHPRL
PlinknotAck rising edge to succeeding PlinknotReq falling edge
0
ns
tPALPAH
PlinknotAck low time
55
340
ns
tPRLPAL
Time between the input PlinknotReq falling and the output Plin-
knotAck falling
25
see
note 1
ns
Table 19.5 Timings for Dreq/Dack protocol
PlinknotReq
PlinknotAck
PlinkData0-7
tPALDOV
tPALPAH
tPAHDOX
tPRLPAL
PlinkData0-7
tPAHDOZ
tPAHPRL
(Dreq)
(Dack)
tPALDIV
tPAHDIX
(Output)
(Input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com