Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP1 Datasheet(PDF) 109 Page - STMicroelectronics

Part # ST20-GP1
Description  GPS PROCESSOR
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP1 Datasheet(HTML) 109 Page - STMicroelectronics

Back Button ST20-GP1 Datasheet HTML 105Page - STMicroelectronics ST20-GP1 Datasheet HTML 106Page - STMicroelectronics ST20-GP1 Datasheet HTML 107Page - STMicroelectronics ST20-GP1 Datasheet HTML 108Page - STMicroelectronics ST20-GP1 Datasheet HTML 109Page - STMicroelectronics ST20-GP1 Datasheet HTML 110Page - STMicroelectronics ST20-GP1 Datasheet HTML 111Page - STMicroelectronics ST20-GP1 Datasheet HTML 112Page - STMicroelectronics ST20-GP1 Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 116 page
background image
ST20-GP1
109/116
®
19.5.3 Direct DMA protocol
In this mode PlinknotAck is active high. The initial (inactive) state of the pin is low.
Figure 19.8 Byte-wide parallel port timings when using the Direct DMA protocol
Symbol Parameter
16.4 Mhz
32.7 Mhz
Units
Min
Max
Min
Max
PLink is output
tPALDOX
PlinkData hold after PlinknotAck
falling edge
330
160
ns
tDOVPAL
PlinkData valid to PlinknotAck fall-
ing transition
100
40
ns
PLink is input
tPALDIX
PlinkData hold after PlinknotAck
falling edge
00
ns
tDIVPAL
PlinkData valid to PlinknotAck fall-
ing transition
100
70
ns
PLink is input or
output
tPAHPAL
PlinknotAck high time
220
270
100
140
ns
tPALPAH
PlinknotAck low time
220
270
100
140
ns
Table 19.7 Timings for Direct mode
(Output)
(Input)
PlinknotAck
PlinkData0-7
tDOVPAL
tPAHPAL
tPALDIX
PlinkData0-7
tPALPAH
tPALDOX
tDIVPAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com