Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP1 Datasheet(PDF) 113 Page - STMicroelectronics

Part # ST20-GP1
Description  GPS PROCESSOR
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP1 Datasheet(HTML) 113 Page - STMicroelectronics

Back Button ST20-GP1 Datasheet HTML 108Page - STMicroelectronics ST20-GP1 Datasheet HTML 109Page - STMicroelectronics ST20-GP1 Datasheet HTML 110Page - STMicroelectronics ST20-GP1 Datasheet HTML 111Page - STMicroelectronics ST20-GP1 Datasheet HTML 112Page - STMicroelectronics ST20-GP1 Datasheet HTML 113Page - STMicroelectronics ST20-GP1 Datasheet HTML 114Page - STMicroelectronics ST20-GP1 Datasheet HTML 115Page - STMicroelectronics ST20-GP1 Datasheet HTML 116Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 113 / 116 page
background image
ST20-GP1
113/116
®
21.2 100 pin PQFP package dimensions
Notes
1
Lead finish to be 60 Sn/40 Pb solder plate.
2
Maximum lead displacement from the notional centre line will be no greater than
±0.125 mm.
Table 21.1 100 pin PQFP package dimensions
REF.
CONTROL DIM. mm
MIN
ALTERNATIVE DIM. INCHES
MIN
NOTES
A
-
-
3.400
-
-
0.134
A1
0.100
-
-
0.004
-
-
A2
2.540
2.800
3.050
0.096
0.110
0.120
B
0.220
-
0.380
0.009
-
0.015
C
0.130
-
0.230
0.005
-
0.009
D
22.950
-
24.150
0.904
-
0.951
D1
19.900
20.000
20.100
0.783
0.787
0.791
D3
-
18.850
-
-
0.742
-
REF
E
16.950
-
18.150
0.667
-
0.715
E1
13.900
14.000
14.100
0.547
0.551
0.555
E3
-
12.350
-
-
0.486
-
REF
e
-
0.650
-
-
0.026
-
BSC
G
-
-
0.100
-
-
0.004
K
0
°
-
7
°
0
°
-
7
°
L
0.650
0.800
0.950
0.026
0.031
0.037
Zd
-
0.580
-
-
0.23
-
REF
Ze
-
0.830
-
-
0.033
-
REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com