Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP1 Datasheet(PDF) 115 Page - STMicroelectronics

Part # ST20-GP1
Description  GPS PROCESSOR
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP1 Datasheet(HTML) 115 Page - STMicroelectronics

Back Button ST20-GP1 Datasheet HTML 108Page - STMicroelectronics ST20-GP1 Datasheet HTML 109Page - STMicroelectronics ST20-GP1 Datasheet HTML 110Page - STMicroelectronics ST20-GP1 Datasheet HTML 111Page - STMicroelectronics ST20-GP1 Datasheet HTML 112Page - STMicroelectronics ST20-GP1 Datasheet HTML 113Page - STMicroelectronics ST20-GP1 Datasheet HTML 114Page - STMicroelectronics ST20-GP1 Datasheet HTML 115Page - STMicroelectronics ST20-GP1 Datasheet HTML 116Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 115 / 116 page
background image
ST20-GP1
115/116
®
22 Device ID
The identification code for the ST20-GP1 is #
m5191011, where m is a manufacturing revision
number reserved by SGS-THOMSON. See Table 22.1.
The identification code is returned by the
lddevid instruction, see Table 6.4.
23 Ordering information
For further information contact your local SGS-THOMSON sales office.
a. 0 indicates SGS-THOMSON part, 1 indicates customer part.
b. Defined as 1 in IEEE 1149.1 standard.
bit 31
bit 0
Mask rev a ST20 family
Variant
SGS-THOMSON
manufacturers id
b
0101000110010001000000010001
5191011
Table 22.1 Identification code
Device
Package
ST20GP1X33S
100 pin plastic quad flatpack (PQFP)
reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com