Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP1 Datasheet(PDF) 106 Page - STMicroelectronics

Part # ST20-GP1
Description  GPS PROCESSOR
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP1 Datasheet(HTML) 106 Page - STMicroelectronics

Back Button ST20-GP1 Datasheet HTML 102Page - STMicroelectronics ST20-GP1 Datasheet HTML 103Page - STMicroelectronics ST20-GP1 Datasheet HTML 104Page - STMicroelectronics ST20-GP1 Datasheet HTML 105Page - STMicroelectronics ST20-GP1 Datasheet HTML 106Page - STMicroelectronics ST20-GP1 Datasheet HTML 107Page - STMicroelectronics ST20-GP1 Datasheet HTML 108Page - STMicroelectronics ST20-GP1 Datasheet HTML 109Page - STMicroelectronics ST20-GP1 Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 116 page
background image
ST20-GP1
106/116
®
19.4 ClockIn timings
Notes
1
Measured between corresponding points on consecutive falling edges.
2
Variation of individual falling edges from their nominal times.
3
Clock transitions must be monotonic within the range VIH to VIL (see Electrical Specifica-
tions).
Table 19.4 ClockIn timings
Figure 19.5 ClockIn timings
19.4.1 ClockIn frequency
Nominal ClockIn frequency is 16.36800 Mhz
±50 ppm tolerance. This tolerance relates to the GPS
system requirements and not for the device to function.
Symbol
Parameter
Min
Nom
Max
Units
Notes
tDCLDCH
ClockIn pulse width low for PLL operation
18
42.5
ns
tDCHDCL
ClockIn pulse width high for PLL operation
18
42.5
ns
tDCr
ClockIn rise time for PLL operation
20
ns
3
tDCf
ClockIn fall time for PLL operation
20
ns
3
tGDVCH
GPSIF valid before clock rising edge
20
ns
tCHGDX
GPSIF valid after clock rising edge
0
ns
90%
10%
tDCr
2.0V
0.8V
1.5V
tDCLDCH
tDCHDCL
tDCf
90%
10%
tGDVCH tCHGDX
GPSIF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com