Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-JPI Datasheet (PDF) - STMicroelectronics

ST20-JPI Datasheet PDF - STMicroelectronics
Part # ST20-JPI
Download  ST20-JPI Download
File Size   78.54 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description PC PARALLEL PORT TO JTAG INTERFACE

ST20-JPI Datasheet (PDF)

Go To PDF Page Download Datasheet
ST20-JPI Datasheet PDF - STMicroelectronics

Part # ST20-JPI
Download  ST20-JPI Click to download

File Size   78.54 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description PC PARALLEL PORT TO JTAG INTERFACE

ST20-JPI Datasheet (HTML) - STMicroelectronics


ST20-JPI Product details

DESCRIPTION
The ST20-JPI parallel port to JTAG interface is a host interface to allow connection from a PC parallel port to any JTAG diagnostic controller based ST20 development board. The interface plugs into any standard PC 25 way D-type parallel port. Supported parallel port modes are:

• Nibble mode
• Byte mode
• EPP mode

depending on which mode the host PC can support. Connection to the development target is via a 20 way IDC JTAG connector. Once connected, the development target can be accessed using the MS Windows drivers supplied with the standard ST20 toolset.

FEATURES
• Desktop mounted parallel port to JTAG interface
• Standard 25 way D-type parallel port connection
• Standard 26 way D-type differential OS-Link port for connection to a B300.
• Standard 20 way IDC cable for JTAG connection.
• Plug top power supply
• Supports nibble, byte and EPP mode parallel port standards




Similar Part No. - ST20-JPI

ManufacturerPart #DatasheetDescription
logo
RFE international
ST20-103 RFE-ST20-103 Datasheet
216Kb / 1P
TEMPERATURE COMPENSATING THERMISTORS ST Series: Surface Mount
ST20-104 RFE-ST20-104 Datasheet
216Kb / 1P
TEMPERATURE COMPENSATING THERMISTORS ST Series: Surface Mount
ST20-154 RFE-ST20-154 Datasheet
216Kb / 1P
TEMPERATURE COMPENSATING THERMISTORS ST Series: Surface Mount
ST20-202 RFE-ST20-202 Datasheet
216Kb / 1P
TEMPERATURE COMPENSATING THERMISTORS ST Series: Surface Mount
ST20-204 RFE-ST20-204 Datasheet
216Kb / 1P
TEMPERATURE COMPENSATING THERMISTORS ST Series: Surface Mount
More results


Similar Description - ST20-JPI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST20-PPI STMICROELECTRONICS-ST20-PPI Datasheet
58Kb / 6P
PC PARALLEL PORT TO OS-LINK INTERFACE
Jan-1996
logo
Texas Instruments
SN74LV8153 TI-SN74LV8153 Datasheet
210Kb / 13P
SERIAL-TO-PARALLEL INTERFACE
logo
List of Unclassifed Man...
OX12PCI840 ETC-OX12PCI840 Datasheet
541Kb / 32P
Integrated Parallel Port and PCI interface
SMC34C60 ETC1-SMC34C60 Datasheet
3Mb / 74P
PARALLEL PORT INTERFACE CHIP-PERIPHERAL SIDE
logo
Oxford Semiconductor
OX12PCI840 OXFORD-OX12PCI840 Datasheet
280Kb / 33P
Integrated Parallel Port and PCI interface
logo
Texas Instruments
SN74LV8153 TI-SN74LV8153_08 Datasheet
385Kb / 16P
SERIAL-TO-PARALLEL INTERFACE
SN74LV8153-Q1 TI1-SN74LV8153-Q1 Datasheet
194Kb / 14P
SERIAL-TO-PARALLEL INTERFACE
logo
Altera Corporation
EP3C5E144C8N ALTERA-EP3C5E144C8N Datasheet
6Mb / 348P
Ability to disable external JTAG port
logo
Analog Devices
CABLE-SMBUS-3PINZ AD-CABLE-SMBUS-3PINZ_15 Datasheet
130Kb / 4P
Parallel Port to IC Interface Cables
REV. 0
CABLE-SMBUS-5PINZ AD-CABLE-SMBUS-5PINZ_15 Datasheet
130Kb / 4P
Parallel Port to IC Interface Cables
REV. 0
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com