Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-JPI Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST20-JPI
Description  PC PARALLEL PORT TO JTAG INTERFACE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-JPI Datasheet(HTML) 1 Page - STMicroelectronics

  ST20-JPI Datasheet HTML 1Page - STMicroelectronics ST20-JPI Datasheet HTML 2Page - STMicroelectronics ST20-JPI Datasheet HTML 3Page - STMicroelectronics ST20-JPI Datasheet HTML 4Page - STMicroelectronics ST20-JPI Datasheet HTML 5Page - STMicroelectronics ST20-JPI Datasheet HTML 6Page - STMicroelectronics ST20-JPI Datasheet HTML 7Page - STMicroelectronics ST20-JPI Datasheet HTML 8Page - STMicroelectronics ST20-JPI Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
®
1/10
DESCRIPTION
The ST20-JPI parallel port to JTAG interface is
a host interface to allow connection from a PC
parallel port to any JTAG diagnostic controller
based ST20 development board. The interface
plugs into any standard PC 25 way D-type
parallel port. Supported parallel port modes
are:
• Nibble mode
• Byte mode
• EPP mode
depending on which mode the host PC can
support. Connection to the development target
is via a 20 way IDC JTAG connector. Once
connected, the development target can be
accessed using the MS Windows drivers
supplied with the standard ST20 toolset.
FEATURES
• Desktop mounted parallel port to JTAG inter-
face
• Standard 25 way D-type parallel port connec-
tion
• Standard 26 way D-type differential OS-Link
port for connection to a B300.
• Standard 20 way IDC cable for JTAG connec-
tion.
• Plug top power supply
• Supports nibble, byte and EPP mode parallel
port standards
PRODUCT INFORMATION
PC PARALLEL PORT TO JTAG INTERFACE
ST20-JPI
42 1685 00
September 1996


Similar Part No. - ST20-JPI

ManufacturerPart #DatasheetDescription
logo
RFE international
ST20-103 RFE-ST20-103 Datasheet
216Kb / 1P
TEMPERATURE COMPENSATING THERMISTORS ST Series: Surface Mount
ST20-104 RFE-ST20-104 Datasheet
216Kb / 1P
TEMPERATURE COMPENSATING THERMISTORS ST Series: Surface Mount
ST20-154 RFE-ST20-154 Datasheet
216Kb / 1P
TEMPERATURE COMPENSATING THERMISTORS ST Series: Surface Mount
ST20-202 RFE-ST20-202 Datasheet
216Kb / 1P
TEMPERATURE COMPENSATING THERMISTORS ST Series: Surface Mount
ST20-204 RFE-ST20-204 Datasheet
216Kb / 1P
TEMPERATURE COMPENSATING THERMISTORS ST Series: Surface Mount
More results

Similar Description - ST20-JPI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST20-PPI STMICROELECTRONICS-ST20-PPI Datasheet
58Kb / 6P
PC PARALLEL PORT TO OS-LINK INTERFACE
Jan-1996
logo
Texas Instruments
SN74LV8153 TI-SN74LV8153 Datasheet
210Kb / 13P
SERIAL-TO-PARALLEL INTERFACE
logo
List of Unclassifed Man...
OX12PCI840 ETC-OX12PCI840 Datasheet
541Kb / 32P
Integrated Parallel Port and PCI interface
SMC34C60 ETC1-SMC34C60 Datasheet
3Mb / 74P
PARALLEL PORT INTERFACE CHIP-PERIPHERAL SIDE
logo
Oxford Semiconductor
OX12PCI840 OXFORD-OX12PCI840 Datasheet
280Kb / 33P
Integrated Parallel Port and PCI interface
logo
Texas Instruments
SN74LV8153 TI-SN74LV8153_08 Datasheet
385Kb / 16P
SERIAL-TO-PARALLEL INTERFACE
SN74LV8153-Q1 TI1-SN74LV8153-Q1 Datasheet
194Kb / 14P
SERIAL-TO-PARALLEL INTERFACE
logo
Altera Corporation
EP3C5E144C8N ALTERA-EP3C5E144C8N Datasheet
6Mb / 348P
Ability to disable external JTAG port
logo
Analog Devices
CABLE-SMBUS-3PINZ AD-CABLE-SMBUS-3PINZ_15 Datasheet
130Kb / 4P
Parallel Port to IC Interface Cables
REV. 0
CABLE-SMBUS-5PINZ AD-CABLE-SMBUS-5PINZ_15 Datasheet
130Kb / 4P
Parallel Port to IC Interface Cables
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com