Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-JPI Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST20-JPI
Description  PC PARALLEL PORT TO JTAG INTERFACE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-JPI Datasheet(HTML) 5 Page - STMicroelectronics

  ST20-JPI Datasheet HTML 1Page - STMicroelectronics ST20-JPI Datasheet HTML 2Page - STMicroelectronics ST20-JPI Datasheet HTML 3Page - STMicroelectronics ST20-JPI Datasheet HTML 4Page - STMicroelectronics ST20-JPI Datasheet HTML 5Page - STMicroelectronics ST20-JPI Datasheet HTML 6Page - STMicroelectronics ST20-JPI Datasheet HTML 7Page - STMicroelectronics ST20-JPI Datasheet HTML 8Page - STMicroelectronics ST20-JPI Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ST20-JPI
5/10
®
2.2
Hardware Installation - B300
The ST20-JPI can also be attached to the Ethernet via a B300. To install the hardware connecting
to a B300, the following steps should be followed:
Connect the B300 to the ST20-JPI using a Differential OS-Link cable supplied with the
B300.
Plug the target development system into the 20-way IDC connector using a 20 way IDC
cable.
Plug power supply cable into PSU socket of the interface.
Plug the power supply into the mains socket.
Switch on the B300.
Switch on the power supply to the ST20-JPI. The LEDs on the interface should illuminate
once the software is running. For a description of the meaning of the LEDs, see the ST20
toolset documentation.
Switch on the Target power supply.
2.3
Software Installation
For installation of the DLL and VxD drivers, please refer to the ST20 Toolset software installation
documentation.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com