Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-JPI Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST20-JPI
Description  PC PARALLEL PORT TO JTAG INTERFACE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-JPI Datasheet(HTML) 4 Page - STMicroelectronics

  ST20-JPI Datasheet HTML 1Page - STMicroelectronics ST20-JPI Datasheet HTML 2Page - STMicroelectronics ST20-JPI Datasheet HTML 3Page - STMicroelectronics ST20-JPI Datasheet HTML 4Page - STMicroelectronics ST20-JPI Datasheet HTML 5Page - STMicroelectronics ST20-JPI Datasheet HTML 6Page - STMicroelectronics ST20-JPI Datasheet HTML 7Page - STMicroelectronics ST20-JPI Datasheet HTML 8Page - STMicroelectronics ST20-JPI Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ST20-JPI
4/10
®
2
Installation
2.1
Hardware Installation - PC
The ST20-JPI has six connections: Parallel port; Differential OS-Link, JTAG, TrigIn, TrigOut and
Power supply. To install the hardware connecting to a PC, the following steps should be followed:
Plug the 25-way D-type of the parallel port cable built into the interface, into the parallel port
of the PC.
Plug the target development system into the 20-way IDC connector using a 20 way IDC
cable.
Plug power supply cable into PSU socket of the interface.
Plug the power supply into the mains socket.
Switch on the PC.
Switch on the power supply. The LEDs on the interface should illuminate once the software
is running. For a description of the meaning of the LEDs, see the ST20 toolset documenta-
tion.
Figure 2.1 ST20-JPI connections basic configuration
Mains PSU
Target development board
ST20-JPI
Parallel port to JTAG interface
Host
ST20



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com