Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST90158 Datasheet (PDF) - STMicroelectronics

ST90158 Datasheet PDF - STMicroelectronics
Part # ST90158
Download  ST90158 Download
File Size   1152.18 Kbytes
Page   190 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM

ST90158 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST90158 Datasheet PDF - STMicroelectronics

Part # ST90158
Download  ST90158 Click to download

File Size   1152.18 Kbytes
Page   190 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM

ST90158 Datasheet (HTML) - STMicroelectronics


ST90158 Product details

GENERAL DESCRIPTION
The ST90158 and ST90135 microcontrollers are developed and manufactured by STMicroelectronics using a proprietary n-well CMOS process. Their performance derives from the use of a flexible 256-register programming model for ultra-fast context switching and real-time event response. The intelligent on-chip peripherals offload the ST9 core from I/O and data management processing tasks allowing critical application tasks to get the maximum use of core resources. The new-generation ST9 MCU devices now also support low power consumption and low voltage operation for power-efficient and low-cost embedded systems.

■ Register File based 8/16 bit Core Architecture with RUN, WFI, SLOW and HALT modes
■ 0 - 16 MHz Operation @ 5V±10%, -40°C to +85°C and 0°C to +70°C Operating Temperature Ranges
■ 0 - 14 MHz Operation @ 3V±10% and 0°C to +70°C Operating Temperature Range
■ Fully Programmable PLL Clock Generator, with Frequency Multiplication and low frequency, low cost external crystal
■ Minimum 8-bit Instruction Cycle time: 83ns - (@24 MHz internal clock frequency)
■ Minimum 16-bit Instruction Cycle time: 250ns -(@ 24 MHz internal clock frequency)
■ Internal Memory:
– EPROM/OTP/ROM 16/24/32/48/64K bytes
– ROMless version available
– RAM 512/768/1K/1.5K/2K bytes
■ Maximum External Memory: 64K bytes
■ 224 general purpose registers available as RAM, accumulators or index pointers (register file)
■ 80-pin Plastic Quad Flat Package and 80-pin Thin Quad Flat Package
■ 67 fully programmable I/O bits
■ 8 external and 1 Non-Maskable Interrupts
■ DMA Controller and Programmable Interrupt Handler
■ Single Master Serial Peripheral Interface
■ Two 16-bit Timers with 8-bit Prescaler, one usable as a Watchdog Timer (software and hardware)
■ Three (ST90158) or two (ST90135) 16-bit Multifunction Timers, each with an 8 bit prescaler, 12 operating modes and DMA capabilities
■ 8 channel 8-bit Analog to Digital Converter, with Automatic voltage monitoring capabilities and external reference inputs
■ Two (ST90158) or one (ST90135) Serial Communication Interfaces with asynchronous, synchronous and DMA capabilities
■ Rich Instruction Set with 14 Addressing modes
■ Division-by-Zero trap generation




Similar Part No. - ST90158

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
ST9015 SEMTECH_ELEC-ST9015 Datasheet
147Kb / 2P
PNP Silicon Epitaxial Planar Transistor
logo
Rectron Semiconductor
ST9015 RECTRON-ST9015 Datasheet
631Kb / 5P
TRANSISTOR (PNP)
More results


Similar Description - ST90158

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72101 STMICROELECTRONICS-ST72101 Datasheet
531Kb / 84P
8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
Rev. 1.7
ST7263B STMICROELECTRONICS-ST7263B Datasheet
1Mb / 132P
LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I²C
Apr-2003
ST72E121 STMICROELECTRONICS-ST72E121 Datasheet
589Kb / 92P
8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, WDG, SCI, SPI AND 2 TIMERS
Sep-1999
2764A STMICROELECTRONICS-2764A Datasheet
99Kb / 11P
64K (8K x 8) UV EPROM and OTP ROM
Mar-1995
ST10F276 STMICROELECTRONICS-ST10F276 Datasheet
61Kb / 4P
16-bit MCU with MAC unit, up to 832 Kbytes Flash memory and up to 68 Kbytes RAM
18-Jul-2005
ST72311 STMICROELECTRONICS-ST72311 Datasheet
1Mb / 94P
8-BIT MCU WITH 8 TO 16K ROM/OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
Sep-1998
ST72101 STMICROELECTRONICS-ST72101_01 Datasheet
885Kb / 85P
8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
May-2001
logo
Fortune Semiconductor C...
FS98O01 FORTUNE-FS98O01 Datasheet
890Kb / 58P
8-bit MCU with 2k program EPROM, 128-byte RAM
FS98O02 FORTUNE-FS98O02 Datasheet
1Mb / 50P
8-bit MCU with 2k program EPROM, 128-byte RAM
FS98O21 FORTUNE-FS98O21 Datasheet
1Mb / 136P
8-bit MCU with 2k program EPROM, 128-byte RAM
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com