Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST90158 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST90158
Description  8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST90158 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST90158 Datasheet HTML 6Page - STMicroelectronics ST90158 Datasheet HTML 7Page - STMicroelectronics ST90158 Datasheet HTML 8Page - STMicroelectronics ST90158 Datasheet HTML 9Page - STMicroelectronics ST90158 Datasheet HTML 10Page - STMicroelectronics ST90158 Datasheet HTML 11Page - STMicroelectronics ST90158 Datasheet HTML 12Page - STMicroelectronics ST90158 Datasheet HTML 13Page - STMicroelectronics ST90158 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 190 page
background image
10/190
ST90158 - GENERAL DESCRIPTION
9
1.2 PIN DESCRIPTION
AS: Address Strobe (output, active low, 3-state).
Address Strobe is pulsed low once at the begin-
ning of each memory cycle. The rising edge of AS
indicates that address, Read/Write (R/W), and
Data Memory signals are valid for memory trans-
fers. Under program control, AS can be placed in a
high-impedance state along with Port 0, Port 1 and
Data Strobe (DS).
DS: Data Strobe (output, active low, 3-state). Data
Strobe provides the timing for data movement to or
from Port 0 for each memory transfer. During a
write cycle, data out is valid at the leading edge of
DS. During a read cycle, Data In must be valid pri-
or to the trailing edge of DS. When the ST90158
accesses on-chip memory, DS is held high during
the whole memory cycle. It can be placed in a high
impedance state along with Port 0, Port 1 and AS.
RESET: Reset (input, active low). The ST9+ is ini-
tialised by the Reset signal. With the deactivation
of RESET, program execution begins from the
memory location pointed to by the vector con-
tained in memory locations 00h and 01h.
R/W: Read/Write (output, 3-state). Read/Write de-
termines the direction of data transfer for external
memory transactions. R/W is low when writing to
external memory, and high for all other transac-
tions. It can be placed in high impedance state
along with Port 0, Port 1, AS and DS.
OSCIN, OSCOUT: Oscillator (input and output).
These pins connect a parallel-resonant crystal (3
to 5 MHz), or an external source to the on-chip
clock oscillator and buffer. OSCIN is the input of
the oscillator inverter and internal clock generator;
OSCOUT is the output of the oscillator inverter.
HW0_SW1: When connected to VDD through a 1K
pull-up resistor, the software watchdog option is
selected. When connected to VSS through a 1K
pull-down resistor, the hardware watchdog option
is selected.
VPP: Programming voltage for EPROM/OTP de-
vices. Must be connected to VSS in user mode
through a 10 Kohm resistor.
AVDD: Analog VDD of the Analog to Digital Con-
verter.
AVSS: Analog VSS of the Analog to Digital Con-
verter.
VDD: Main Power Supply Voltage (5V ± 10%).
VSS: Digital Circuit Ground.
P0[7:0], P1[7:0]: (
Input/Output, TTL or CMOS
compatible). 16 lines grouped into I/O ports provid-
ing the external memory interface for addressing
64Kbytes of external memory.
P0[7:0], P1[7:0], P2[6:0], P4[7:0], P5[7:3], P5.1,
P6[6:0], P7[7:0], P8[7:0], P9[7:4], P9[2:0]:
I/O
Port Lines (Input/Output, TTL or CMOS compati-
ble). I/O lines grouped into I/O ports of 8 bits, bit
programmable under program control as general
purpose I/O or as alternate functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com