Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST90158 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST90158
Description  8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST90158 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST90158 Datasheet HTML 9Page - STMicroelectronics ST90158 Datasheet HTML 10Page - STMicroelectronics ST90158 Datasheet HTML 11Page - STMicroelectronics ST90158 Datasheet HTML 12Page - STMicroelectronics ST90158 Datasheet HTML 13Page - STMicroelectronics ST90158 Datasheet HTML 14Page - STMicroelectronics ST90158 Datasheet HTML 15Page - STMicroelectronics ST90158 Datasheet HTML 16Page - STMicroelectronics ST90158 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 190 page
background image
13/190
ST90158 - GENERAL DESCRIPTION
1.3 I/O PORT PINS
All the ports of the device can be programmed as
Input/Output or in Input mode, compatible with
TTL or CMOS levels (except where Schmitt Trig-
ger is present). Each bit can be programmed indi-
vidually (Refer to the I/O ports chapter).
TTL/CMOS Input
For all those port bits where no input schmitt trig-
ger is implemented, it is always possible to pro-
gram the input level as TTL or CMOS compatible
by programming the relevant PxC2.n control bit.
Refer to the section titled “Input/Output Bit Config-
uration” in the I/O Ports Chapter .
Push-Pull/OD Output
The output buffer can be programmed as push-
pull or open-drain: attention must be paid to the
fact that the open-drain option corresponds only to
a disabling of P-channel MOS transistor of the
buffer itself: it is still present and physically con-
nected to the pin. Consequently it is not possible to
increase the output voltage on the pin over
VDD+0.3 Volt, to avoid direct junction biasing.
Table 1. I/O Port Characteristics
Legend: WPU = Weak Pull-Up, OD = Open Drain
Input
Output
Weak Pull-Up
Reset State
Port 0
TTL/CMOS
Push-Pull/OD
Yes
Bidirectional WPU
Port 1
TTL/CMOS
Push-Pull/OD
Yes
Bidirectional WPU
Port 2
TTL/CMOS
Push-Pull/OD
No
Bidirectional
Port 4
Schmitt trigger
Push-Pull/OD
Yes
Bidirectional WPU
Port 5
Schmitt trigger
Push-Pull/OD
Yes
Bidirectional WPU
Port 6
TTL/CMOS
Push-Pull/OD
No
Bidirectional
Port 7
Schmitt trigger
Push-Pull/OD
Yes
Bidirectional WPU
Port 8
Schmitt trigger
Push-Pull/OD
Yes
Bidirectional WPU
Port 9
Schmitt trigger
Push-Pull/OD
Yes
Bidirectional WPU
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com