Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST90158 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST90158
Description  8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST90158 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST90158 Datasheet HTML 3Page - STMicroelectronics ST90158 Datasheet HTML 4Page - STMicroelectronics ST90158 Datasheet HTML 5Page - STMicroelectronics ST90158 Datasheet HTML 6Page - STMicroelectronics ST90158 Datasheet HTML 7Page - STMicroelectronics ST90158 Datasheet HTML 8Page - STMicroelectronics ST90158 Datasheet HTML 9Page - STMicroelectronics ST90158 Datasheet HTML 10Page - STMicroelectronics ST90158 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 190 page
background image
7/190
ST90158 - GENERAL DESCRIPTION
1.1.5 Multifunction Timers (MFT)
Each multifunction timer has a 16-bit Up/Down
counter supported by two 16-bit Compare regis-
ters and two 16-bit input capture registers. Timing
resolution can be programmed using an 8-bit pres-
caler. Multibyte transfers between the peripheral
and memory are supported by two DMA channels.
1.1.6 Standard Timer (STIM)
The Standard Timer includes a programmable 16-
bit down counter and an associated 8-bit prescaler
with Single and Continuous counting modes.
1.1.7 Watchdog Timer (WDT)
The Watchdog timer can be used to monitor sys-
tem integrity. When enabled, it generates a reset
after a timeout period unless the counter is re-
freshed by the application software. For additional
security, watchdog function can be enabled by
hardware using a specific pin.
1.1.8 Serial Peripheral Interface (SPI)
The SPI bus is used to communicate with external
devices via the SPI, or I C bus communication
standards. The SPI uses one or two lines for serial
data and a synchronous clock signal.
1.1.9 Serial Communications Controllers (SCI)
Each SCI provides a synchronous or asynchro-
nous serial I/O port using two DMA channels.
Baud rates and data formats are programmable.
1.1.10 Analog/Digital Converter (ADC)
The ADCs provide up to 8 analog inputs with on-
chip sample and hold. The analog watchdog gen-
erates an interrupt when the input voltage moves
out of a preset threshold.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com