Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST90158 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST90158
Description  8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST90158 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST90158 Datasheet HTML 8Page - STMicroelectronics ST90158 Datasheet HTML 9Page - STMicroelectronics ST90158 Datasheet HTML 10Page - STMicroelectronics ST90158 Datasheet HTML 11Page - STMicroelectronics ST90158 Datasheet HTML 12Page - STMicroelectronics ST90158 Datasheet HTML 13Page - STMicroelectronics ST90158 Datasheet HTML 14Page - STMicroelectronics ST90158 Datasheet HTML 15Page - STMicroelectronics ST90158 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 190 page
background image
12/190
ST90158 - GENERAL DESCRIPTION
PIN DESCRIPTION (Cont’d)
Figure 4. 80-Pin PQFP Pin-Out
AD4/P0.4
AD5/P0.5
AD6/P0.6
VSS
AD7/P0.7
VDD
AS
DS
VPP*
P4.0
P4.1
INTCLK/P4.2
STOUT/P4.3
INT0/WDOUT/P4.4
INT4/P4.5
INT5/T0OUTB/P4.6
T0OUTA/P4.7
P2.0
P2.1
P2.2
P2.3
P2.4
P2.5
P2.6
P1.2/A10
P1.1/A9
P1.0/A8
RESET
OSCIN
VSS
OSCOUT
P5.1/SDI
HW0SW1
P5.3
P5.4/T1OUTA/DCD0
P5.5/T1OUTB/RTS0
P5.6/T3OUTA/DCD1
P5.7/T3OUTB/RTS1/CK_AF
VDD
P8.0/T3INA
P8.1/T1INB
P8.2/T1OUTA/INT1
P8.3/T1OUTB/INT3
P8.4/T1INA/WAIT/WDOUT
P8.5/T3INB
P8.6/INT7/T3OUTA
P8.7/NMI/T3O UTB
AVSS
1
80
24
40
64
ST90158/ST90135
*EPROM or OTP devices only
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com