Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST90158 Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST90158
Description  8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST90158 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST90158 Datasheet HTML 13Page - STMicroelectronics ST90158 Datasheet HTML 14Page - STMicroelectronics ST90158 Datasheet HTML 15Page - STMicroelectronics ST90158 Datasheet HTML 16Page - STMicroelectronics ST90158 Datasheet HTML 17Page - STMicroelectronics ST90158 Datasheet HTML 18Page - STMicroelectronics ST90158 Datasheet HTML 19Page - STMicroelectronics ST90158 Datasheet HTML 20Page - STMicroelectronics ST90158 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 190 page
background image
17/190
ST90158 - GENERAL DESCRIPTION
Note 1) Not present on ST90135
P9.0
All ports useable
for general pur-
pose I/O (input,
output or bidirec-
tional)
23 25 S1OUT
O
SCI1 Serial Output 1)
P9.1
24 26
T0OUTB
O
MF Timer 0 output B 1)
S1IN
I
SCI1 Serial Input 1)
P9.2
25 27
CLK1OUT O
SCI1 Byte Sync Clock output 1)
TX1CKIN
I
SCI1 Transmit Clock input 1)
P9.4
26 28
S0OUT
O
SCI0 Serial Output
RX1CKIN
O
SCI1 Receive Clock input 1)
P9.5
27 29 S0IN
I
SCI0 Serial Input
P9.6
28 30
INT2
I
External interrupt 2
SCK
O
SPI Serial Clock
P9.7
29 31
INT6
I
External interrupt 6
SDO
O
SPI Serial Data Out
Port
Name
General
Purpose I/O
Pin
No.
Alternate Functions
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com