Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST90158 Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST90158
Description  8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST90158 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST90158 Datasheet HTML 12Page - STMicroelectronics ST90158 Datasheet HTML 13Page - STMicroelectronics ST90158 Datasheet HTML 14Page - STMicroelectronics ST90158 Datasheet HTML 15Page - STMicroelectronics ST90158 Datasheet HTML 16Page - STMicroelectronics ST90158 Datasheet HTML 17Page - STMicroelectronics ST90158 Datasheet HTML 18Page - STMicroelectronics ST90158 Datasheet HTML 19Page - STMicroelectronics ST90158 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 190 page
background image
16/190
ST90158 - GENERAL DESCRIPTION
P6.1
All ports useable
for general pur-
pose I/O (input,
output or bidirec-
tional)
69 71
I/O
P6.2
70 72
I/O
P6.3
71 73
I/O
P6.4
72 74
I/O
P6.5
73 75 R/W
O
Read/Write
P6.6
74 76
I/O
P7.0
30 32
AIN0
I
A/D Analog input 0
RX0CKIN
I
SCI0 Receive Clock input
WDIN
I
T/WD input
EXTRG
I
A/D External Trigger
P7.1
31 33
AIN1
I
A/D Analog input 1
T0INB
I
MF Timer 0 input B 1)
SDI
I
SPI Serial Data In
P7.2
32 34
AIN2
I
A/D Analog input 2
CLK0OUT O
SCI0 Byte Sync Clock output
TX0CKIN
I
SCI0 Transmit Clock input
P7.3
33 35
AIN3
I
A/D Analog input 3
T0INA
I
MF Timer 0 input A 1)
P7.4
34 36 AIN4
I
A/D Analog input 4
P7.5
35 37 AIN5
I
A/D Analog input 5
P7.6
36 38 AIN6
I
A/D Analog input 6
P7.7
37 39 AIN7
I
A/D Analog input 7
P8.0
47 49 T3INA
I
MF Timer 3 input A
P8.1
46 48 T1INB
I
MF Timer 1 input B
P8.2
45 47
INT1
I
External interrupt 1
T1OUTA
O
MF Timer 1 output A
P8.3
44 46
INT3
I
External interrupt 3
T1OUTB
O
MF Timer 1 output B
P8.4
43 45
T1INA
I
MF Timer 1 input A
WAIT
I
External Wait input
WDOUT
O
Watchdog Timer output
P8.5
42 44 T3INB
I
MF Timer 3 input B
P8.6
41 43
INT7
I
External interrupt 7
T3OUTA
O
MF Timer 3 output A
P8.7
40 42
NMI
I
Non-Maskable Interrupt
T3OUTB
O
MF Timer 3 output B
Port
Name
General
Purpose I/O
Pin
No.
Alternate Functions
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com