Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST90158 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST90158
Description  8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST90158 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST90158 Datasheet HTML 5Page - STMicroelectronics ST90158 Datasheet HTML 6Page - STMicroelectronics ST90158 Datasheet HTML 7Page - STMicroelectronics ST90158 Datasheet HTML 8Page - STMicroelectronics ST90158 Datasheet HTML 9Page - STMicroelectronics ST90158 Datasheet HTML 10Page - STMicroelectronics ST90158 Datasheet HTML 11Page - STMicroelectronics ST90158 Datasheet HTML 12Page - STMicroelectronics ST90158 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 190 page
background image
9/190
ST90158 - GENERAL DESCRIPTION
Figure 2. ST90135 Block Diagram
256 bytes
Register File
RAM
up to 1 Kbyte
ST9+ CORE
8/16 bits
CPU
Interrupt
Management
RCCU
ADDRESS
DATA
Port0
WATCHDOG
OSCIN
OSCOUT
RESET
INTCLK
CKAF
AS
WAIT
NMI
R/W
DS
SDI
SDO
SCK
P1[7:0]
P0[7:0]
MFT3
MFT1
SPI
I2C/IM Bus
T1OUTA
T1OUTB
T1INA
T1INB
STIM
SCI0
ROM
up to 32
Kbytes
EXTRG
AIN[7:0]
TX0CKIN
RX0CKIN
S0IN
DCD0
S0OUT
CLK0OUT
RTS0
STOUT
All alternate functions (
Italic characters) are mapped on Port2 through Port9
INT0-7
ADDRESS
Port1
Fully Prog.
I/Os
T3OUTA
T3OUTB
T3INA
T3INB
WDIN
WDOUT
HW0SW1
A/D
Converter
with analog
watchdog
P0[7:0]
P1[7:0]
P2[6:0]
P4[7:0]
P5[7:3], P5.1
P6[6:0]
P7[7:0]
P8[7:0]
P9[7:4], P9[2:0]
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com