Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V53C8258H50 Datasheet (PDF) - Mosel Vitelic, Corp

V53C8258H50 Datasheet PDF - Mosel Vitelic, Corp
Part # V53C8258H50
Download  V53C8258H50 Download
File Size   219.07 Kbytes
Page   18 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description HIGH PERFORMANCE 256K X 8 EDO PAGE MODE CMOS DYNAMIC RAM

V53C8258H50 Datasheet (PDF)

Go To PDF Page Download Datasheet
V53C8258H50 Datasheet PDF - Mosel Vitelic, Corp

Part # V53C8258H50
Download  V53C8258H50 Click to download

File Size   219.07 Kbytes
Page   18 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description HIGH PERFORMANCE 256K X 8 EDO PAGE MODE CMOS DYNAMIC RAM

V53C8258H50 Datasheet (HTML) - Mosel Vitelic, Corp


V53C8258H50 Product details

Description
The V53C8258H is a high speed 262,144 x 8 bit CMOS dynamic random access memory. The V53C8258H offers a combination of features: Page Mode with Extended Data Output for high data bandwidth, and Low CMOS standby current.
All inputs and outputs are TTL compatible. Input and output capacitances are significantly lowered to allow increased system performance. Page Mode with Extended Data Output operation allows random access of up to 512 (x8) bits within a row with cycle times as fast as 14 ns. Because of static circuitry, the CAS clock is not in the critical timing path. The flow-through column address latches allow address pipelining while relaxing many critical system timing requirements. The V53C8258H is ideally suited for graphics, digital signal processing and high-performance computing systems.

Features
■ 256K x 8-bit organization
■ EDO Page Mode for a sustained data rate of 71 MHz
■ RAS access time: 35, 40, 45, 50 ns
■ Low power dissipation
■ Read-Modify-Write, RAS-Only Refresh, CAS-Before-RAS Refresh capability
■ Refresh Interval: 512 cycles/8 ms
■ Available in 24 pin 300 mil Plastic DIP, 26/24 pin 300 mil SOJ and 28-pin 300 mil TSOP-I packages
■ Single 5V±10% Power Supply
■ TTL Interface




Similar Part No. - V53C8258H50

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C8256H MOSEL-V53C8256H Datasheet
217Kb / 18P
ULTRA-HIGH SPEED, 256K X 8 FAST PAGE MODE CMOS DYNAMIC RAM
V53C8256H35 MOSEL-V53C8256H35 Datasheet
217Kb / 18P
ULTRA-HIGH SPEED, 256K X 8 FAST PAGE MODE CMOS DYNAMIC RAM
V53C8256H40 MOSEL-V53C8256H40 Datasheet
217Kb / 18P
ULTRA-HIGH SPEED, 256K X 8 FAST PAGE MODE CMOS DYNAMIC RAM
V53C8256H45 MOSEL-V53C8256H45 Datasheet
217Kb / 18P
ULTRA-HIGH SPEED, 256K X 8 FAST PAGE MODE CMOS DYNAMIC RAM
V53C8256H50 MOSEL-V53C8256H50 Datasheet
217Kb / 18P
ULTRA-HIGH SPEED, 256K X 8 FAST PAGE MODE CMOS DYNAMIC RAM
More results


Similar Description - V53C8258H50

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C16258H MOSEL-V53C16258H Datasheet
556Kb / 20P
HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
V53C16258SH MOSEL-V53C16258SH Datasheet
154Kb / 20P
HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM SELF REFRESH
V53C8128H MOSEL-V53C8128H Datasheet
222Kb / 20P
ULTRA-HIGH PERFORMANCE, 128K X 8 BIT EDO PAGE MODE CMOS DYNAMIC RAM
V53C818H MOSEL-V53C818H Datasheet
231Kb / 18P
HIGH PERFORMANCE 512K X 16 EDO PAGE MODE CMOS DYNAMIC RAM
V53C832L MOSEL-V53C832L Datasheet
178Kb / 18P
HIGH PERFORMANCE 3.3 VOLT 256K X 32 EDO PAGE MODE CMOS DYNAMIC RAM
logo
Taiwan Memory Technolog...
T224162B TMT-T224162B Datasheet
143Kb / 9P
256K x 16 DYNAMIC RAM EDO PAGE MODE
logo
AMIC Technology
A428316 AMICC-A428316 Datasheet
268Kb / 25P
256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L8316 AMICC-A42L8316 Datasheet
273Kb / 25P
256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L8316 AMICC-A42L8316 Datasheet
264Kb / 23P
256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A428316 AMICC-A428316_15 Datasheet
265Kb / 23P
256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com