Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T835H-6T Datasheet (PDF) - STMicroelectronics

T835H-6T Datasheet PDF - STMicroelectronics
Part # T835H-6T
Download  T835H-6T Download
File Size   137.17 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High temperature 8 A Triacs

T835H-6T Datasheet (PDF)

Go To PDF Page Download Datasheet
T835H-6T Datasheet PDF - STMicroelectronics

Part # T835H-6T
Download  T835H-6T Click to download

File Size   137.17 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High temperature 8 A Triacs

T835H-6T Datasheet (HTML) - STMicroelectronics


T835H-6T Product details

Description

Available in through-hole or surface mount packages, the T835H and T850H triac series are suitable for general purpose mains power AC switching.



Features

■ Medium current Triac

■ 150° C max. Tjturn-off commutation

■ Low thermal resistancewith clip bonding

■ Very high 3 quadrant commutation capability

■ Packages are RoHS (2002/95/EC) compliant




Similar Part No. - T835H-6T

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
T835H-6G-TR ISC-T835H-6G-TR Datasheet
275Kb / 3P
isc Triacs
T835H-6I ISC-T835H-6I Datasheet
241Kb / 2P
isc Triacs
More results


Similar Description - T835H-6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T2035H STMICROELECTRONICS-T2035H_07 Datasheet
137Kb / 10P
High temperature 20 A Snubberless??TRIACs
15-Nov-2007
T1635H STMICROELECTRONICS-T1635H_07 Datasheet
136Kb / 10P
High temperature 16 A Triacs
29-May-2007
T1035H STMICROELECTRONICS-T1035H Datasheet
135Kb / 10P
High temperature 10 A Triacs
17-Apr-2007
T1235H STMICROELECTRONICS-T1235H_07 Datasheet
136Kb / 10P
High temperature 12 A Triacs
17-Apr-2007
T410H STMICROELECTRONICS-T410H Datasheet
113Kb / 9P
High temperature 4 A sensitive TRIACs
15-May-2009
T610H STMICROELECTRONICS-T610H Datasheet
114Kb / 9P
High temperature 6 A sensitive TRIACs
15-May-2009
T810H STMICROELECTRONICS-T810H Datasheet
124Kb / 10P
High temperature 8 A sensitive TRIACs
15-May-2009
T3050H-6I STMICROELECTRONICS-T3050H-6I Datasheet
127Kb / 9P
Snubberless™high temperature 30 A Triacs
20-Sep-2011
T3035H-6T STMICROELECTRONICS-T3035H-6T Datasheet
127Kb / 9P
Snubberless high temperature 30 A Triacs
20-Sep-2011
logo
Littelfuse
QVXX16XHX LITTELFUSE-QVXX16XHX Datasheet
443Kb / 7P
16 A High Temperature Alternistor Triacs
07/05/22
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com