Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4976 Datasheet (PDF) - STMicroelectronics

L4976 Datasheet PDF - STMicroelectronics
Part # L4976
Download  L4976 Download
File Size   256.98 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1A step down switching regulator

L4976 Datasheet (PDF)

Go To PDF Page Download Datasheet
L4976 Datasheet PDF - STMicroelectronics

Part # L4976
Download  L4976 Click to download

File Size   256.98 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1A step down switching regulator

L4976 Datasheet (HTML) - STMicroelectronics




Similar Part No. - L4976

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4976 STMICROELECTRONICS-L4976 Datasheet
100Kb / 11P
1A STEP DOWN SWITCHING REGULATOR
May-2000
L4976D STMICROELECTRONICS-L4976D Datasheet
100Kb / 11P
1A STEP DOWN SWITCHING REGULATOR
May-2000
More results


Similar Description - L4976

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4976 STMICROELECTRONICS-L4976 Datasheet
100Kb / 11P
1A STEP DOWN SWITCHING REGULATOR
May-2000
L5970D STMICROELECTRONICS-L5970D Datasheet
138Kb / 10P
UP TO 1A STEP DOWN SWITCHING REGULATOR
May-2003
logo
List of Unclassifed Man...
GM7110 ETC-GM7110 Datasheet
295Kb / 11P
1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
National Semiconductor ...
LM5010A NSC-LM5010A Datasheet
775Kb / 17P
High Voltage 1A Step Down Switching Regulator
logo
STMicroelectronics
L5970D STMICROELECTRONICS-L5970D_07 Datasheet
260Kb / 16P
Up to 1A step down switching regulator
26-Jan-2007
logo
Gamma Microelectronics ...
GM7110 GAMMA-GM7110_05 Datasheet
213Kb / 12P
1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
STMicroelectronics
L5981 STMICROELECTRONICS-L5981 Datasheet
823Kb / 37P
1A step-down switching regulator
16-Oct-2007
logo
HTC Korea TAEJIN Techno...
LM2575 HTC-LM2575 Datasheet
632Kb / 13P
1A, 52kHz, Step-Down Switching Regulator
logo
Linear Technology
LT3503 LINER-LT3503_15 Datasheet
433Kb / 20P
1A, 2.2MHz Step-Down Switching Regulator
LT3682 LINER-LT3682_15 Datasheet
264Kb / 24P
1A Micropower Step-Down Switching Regulator
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com