Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4976 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L4976
Description  1A step down switching regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4976 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L4976 Datasheet HTML 3Page - STMicroelectronics L4976 Datasheet HTML 4Page - STMicroelectronics L4976 Datasheet HTML 5Page - STMicroelectronics L4976 Datasheet HTML 6Page - STMicroelectronics L4976 Datasheet HTML 7Page - STMicroelectronics L4976 Datasheet HTML 8Page - STMicroelectronics L4976 Datasheet HTML 9Page - STMicroelectronics L4976 Datasheet HTML 10Page - STMicroelectronics L4976 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
L4976
Electrical characteristics
7/17
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
DC Characteristics
Iqop
Total operating quiescent current
4
6
mA
Iq
Quiescent current
Duty Cycle = 0; VFB = 3.8V
2.5
3.5
mA
Error Amplifier
VFB
Voltage feedback input
3.33
3.36
3.39
V
RL
Line regulation
VCC = 8 to 55V
510
mV
Ref. voltage stability vs
temperature
(1)
0.4
mV/°
C
VoH
High level output voltage
VFB = 2.5V
10.3
V
VoL
Low level output voltage
VFB = 3.8V
0.65
V
IO source
Source output current
Vcomp = 6V; VFB = 2.5V
180
220
µA
IO sink
Sink output current
Vcomp = 6V; VFB = 3.8V
200
300
µA
Ib
Source bias current
2
3
µA
SVRR E/A
Supply voltage ripple rejection
Vcomp = Vfb; VCC = 8 to 55V
60
80
dB
DC open loop gain
RL = ∞
50
57
dB
gm
Transconductance
Icomp = -0.1 to 0.1mA
Vcomp = 6V
2.5
ms
Oscillator section
Ramp valley
0.78
0.85
0.92
V
Ramp peak
VCC = 8V
22.15
2.3
V
VCC = 55V
9
9.6
10.2
V
Maximum duty cycle
95
97
%
Maximum frequency
Duty cycle = 0%
Rosc = 13kW, Cosc = 820pF
300
kHz
1.
Specification refered to Tj from 0 to 125°C
Table 5. Electrical characteristics (continued)
(TJ = 25°C, COSC = 2.7nF, ROSC = 20kΩ, VCC = 24V, unless otherwise specified.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com