Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4976 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L4976
Description  1A step down switching regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4976 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L4976 Datasheet HTML 2Page - STMicroelectronics L4976 Datasheet HTML 3Page - STMicroelectronics L4976 Datasheet HTML 4Page - STMicroelectronics L4976 Datasheet HTML 5Page - STMicroelectronics L4976 Datasheet HTML 6Page - STMicroelectronics L4976 Datasheet HTML 7Page - STMicroelectronics L4976 Datasheet HTML 8Page - STMicroelectronics L4976 Datasheet HTML 9Page - STMicroelectronics L4976 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Electrical characteristics
L4976
6/17
4
Electrical characteristics
Table 5. Electrical characteristics
(TJ = 25°C, COSC = 2.7nF, ROSC = 20kΩ, VCC = 24V, unless otherwise specified.)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Dynamic characteristic
VI
Operating input voltage range
VO = 3.3 to 50V; IO = 1A
(1)
855
V
VO
Output voltage
IO = 0.5A
3.33
3.36
3.39
V
IO = 0.2 to 1A
3.2923.363.427
V
VCC = 8 to 55V
(1)
3.22
3.36
3.5
V
Vd
Dropout voltage
VCC = 10V; IO = 1A
0.29
0.367
V
(1)
0.587
V
Il
Maximum limiting current
VCC = 8 to 55V
(1)
1.5
2
2.5
A
Efficiency
VO = 3.3V; IO = 1A
85
%
fs
Switching frequency
(1)
90
100
110
KHz
SVRR
Supply voltage ripple rejection
VI = VCC + 2VRMS; VO = Vref;
IO = 1.A; fripple = 100Hz
60
dB
Voltage stability of switching
frequency
VCC = 8 to 55V
36
%
Temp. stability of switching
frequency
TJ = 0 to 125°C
4%
Reference section
Reference voltage
5.0
5.1
5.2
V
Iref = 0 to 10mA;
(1)
4.950
5.1
5.250
V
VCC = 8 to 55V
Line regulation
Iref = 0mA;
510
mV
VCC = 8 to 55V
Load regulation
Vref = 0 to 5mA;
210
mV
VCC = 0 to 20mA
625
mV
Short circuit current
30
65
100
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com