Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4976 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L4976
Description  1A step down switching regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4976 Datasheet(HTML) 4 Page - STMicroelectronics

  L4976 Datasheet HTML 1Page - STMicroelectronics L4976 Datasheet HTML 2Page - STMicroelectronics L4976 Datasheet HTML 3Page - STMicroelectronics L4976 Datasheet HTML 4Page - STMicroelectronics L4976 Datasheet HTML 5Page - STMicroelectronics L4976 Datasheet HTML 6Page - STMicroelectronics L4976 Datasheet HTML 7Page - STMicroelectronics L4976 Datasheet HTML 8Page - STMicroelectronics L4976 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Pin settings
L4976
4/17
2
Pin settings
2.1
Pin connection
Figure 3.
Pin connection (top view)
2.2
Pin description
N.C.
GND
VREF
OSC
OUT
N.C.
OUT
N.C.
N.C.
N.C.
BOOT
VCC
COMP
FB
N.C.
N.C.
1
3
2
4
5
6
7
8
14
13
12
11
10
9
15
16
DIP8
GND
VREF
OSC
OUT
1
3
2
4
VCC
BOOT
COMP
FB
8
7
6
5
SO16
Table 1. Pin description
N° Pin
Name
Description
DIP8
SO16W (1)
1.
Pins 1, 7, 8, 9, 10, 15 and 16 are not internally, electrically connected to the die.
1
2
GND
Ground
2
3
VREF
5.1V Reference voltage with 20mA current capability.
3
4
OSC
An external resistor connected between the unregulated
input voltage and this pin and a capacitor connected
from this pin to ground fix the switching frequency. (Line
feed forward is automatically obtained)
4
5, 6
OUT
Stepdown regulator output.
5
11
VCC
Unregulated DC input voltage.
6
12
BOOT
A capacitor connected between this pin and OUT allows
to drive the internal VDMOS.
7
13
COMP
E/A output to be used for frequency compensation.
8
14
FB
Stepdown feedback input. Connecting directly to this pin
results in an output voltage of 3.3V. An external resistive
divider is required for higher output voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com