Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48Z12 Datasheet (PDF) - STMicroelectronics

M48Z12 Datasheet PDF - STMicroelectronics
Part # M48Z12
Download  M48Z12 Download
File Size   178.57 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5V, 16Kbit (2Kb x 8) ZEROPOWER SRAM

M48Z12 Datasheet (PDF)

Go To PDF Page Download Datasheet
M48Z12 Datasheet PDF - STMicroelectronics

Part # M48Z12
Download  M48Z12 Click to download

File Size   178.57 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5V, 16Kbit (2Kb x 8) ZEROPOWER SRAM

M48Z12 Datasheet (HTML) - STMicroelectronics




Similar Part No. - M48Z12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z12 STMICROELECTRONICS-M48Z12 Datasheet
85Kb / 12P
16 Kbit 2Kb x 8 ZEROPOWER SRAM
May-1999
M48Z12 STMICROELECTRONICS-M48Z12 Datasheet
231Kb / 16P
5V, 16 Kbit (2Kb x 8) ZEROPOWER SRAM
M48Z12 STMICROELECTRONICS-M48Z12 Datasheet
335Kb / 21P
5 V, 16 Kbit (2 Kb x 8) ZEROPOWER® SRAM
27-May-2010
M48Z12-150PC1 STMICROELECTRONICS-M48Z12-150PC1 Datasheet
85Kb / 12P
16 Kbit 2Kb x 8 ZEROPOWER SRAM
May-1999
M48Z12-150PC1 STMICROELECTRONICS-M48Z12-150PC1 Datasheet
231Kb / 16P
5V, 16 Kbit (2Kb x 8) ZEROPOWER SRAM
More results


Similar Description - M48Z12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z02 STMICROELECTRONICS-M48Z02 Datasheet
85Kb / 12P
16 Kbit 2Kb x 8 ZEROPOWER SRAM
May-1999
M48Z08 STMICROELECTRONICS-M48Z08 Datasheet
141Kb / 18P
64 Kbit 8Kb x 8 ZEROPOWER SRAM
Mar-1999
M48Z09 STMICROELECTRONICS-M48Z09 Datasheet
122Kb / 13P
CMOS 8K x 8 ZEROPOWER SRAM
Nov-1994
M48Z30 STMICROELECTRONICS-M48Z30 Datasheet
100Kb / 12P
CMOS 32K x 8 ZEROPOWER SRAM
Jul-1994
M48Z12 STMICROELECTRONICS-M48Z12 Datasheet
231Kb / 16P
5V, 16 Kbit (2Kb x 8) ZEROPOWER SRAM
MK48Z08 STMICROELECTRONICS-MK48Z08 Datasheet
622Kb / 12P
CMOS 8K x 8 ZEROPOWER SRAM
Feb-1991
M48Z2M1Y STMICROELECTRONICS-M48Z2M1Y Datasheet
307Kb / 17P
5V or 3.3V, 16 Mbit (2Mb x 8) ZEROPOWER SRAM
Mar-2005
M48Z32V STMICROELECTRONICS-M48Z32V_07 Datasheet
181Kb / 19P
3.3V, 256Kbit (32Kbit x 8) ZEROPOWER SRAM
02-Nov-2007
M48Z35 STMICROELECTRONICS-M48Z35_07 Datasheet
218Kb / 23P
256Kbit (32Kbit x 8) ZEROPOWER SRAM
02-Nov-2007
M48Z58 STMICROELECTRONICS-M48Z58_07 Datasheet
218Kb / 23P
5V, 64Kbit (8Kbit x 8) ZEROPOWER SRAM
06-Nov-2007
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com