Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS869S3 Datasheet (PDF) - Abracon Corporation

AFS869S3 Datasheet PDF - Abracon Corporation
Part # AFS869S3
Download  AFS869S3 Download
File Size   110.03 Kbytes
Page   1 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description SMD 869.0 MHz SAW FILTER

AFS869S3 Datasheet (PDF)

Go To PDF Page Download Datasheet
AFS869S3 Datasheet PDF - Abracon Corporation

Part # AFS869S3
Download  AFS869S3 Click to download

File Size   110.03 Kbytes
Page   1 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description SMD 869.0 MHz SAW FILTER

AFS869S3 Datasheet (HTML) - Abracon Corporation




Similar Part No. - AFS869S3

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFS869.0W01-TS3 ABRACON-AFS869.0W01-TS3 Datasheet
978Kb / 2P
SMD 869.0MHz SAW Filter
08.26.11
AFS869.0W01-TS4 ABRACON-AFS869.0W01-TS4 Datasheet
2Mb / 3P
869MHz SMD SAW FILTER
08.13.09
More results


Similar Description - AFS869S3

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFS-152-902.5MHZ-T ABRACON-AFS-152-902.5MHZ-T Datasheet
300Kb / 1P
SMD 902.5 MHz SAW FILTER
11.15.06
AFS315E ABRACON-AFS315E Datasheet
97Kb / 1P
SMD 315.0 MHz SAW FILTER
AFS390E ABRACON-AFS390E Datasheet
113Kb / 1P
SMD 390.0 MHz SAW FILTER
AFS868.0W01-TS3 ABRACON-AFS868.0W01-TS3 Datasheet
202Kb / 2P
SMD 868.0 MHz SAW FILTER
1.07.08
AFS915.0W03-TS4 ABRACON-AFS915.0W03-TS4 Datasheet
89Kb / 2P
SMD 915.00 MHz SAW FILTER
AFS915S3 ABRACON-AFS915S3 Datasheet
95Kb / 1P
SMD 915 MHz SAW FILTER
AFS930S3 ABRACON-AFS930S3 Datasheet
249Kb / 2P
SMD 930.5 MHz SAW FILTER
6.21.07
AFS1575.42S4 ABRACON-AFS1575.42S4 Datasheet
213Kb / 2P
SMD 1575.42 MHz SAW FILTER
03.17.08
AFS1237.0W01-TS4 ABRACON-AFS1237.0W01-TS4 Datasheet
1Mb / 2P
SMD 1237 MHz SAW Filter
07.09.12
ABSTS5A2-34IM033M ABRACON-ABSTS5A2-34IM033M Datasheet
728Kb / 10P
1842.5 MHz SMD SAW Filter
06-02-21
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com