Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7481 Datasheet (PDF) - Renesas Technology Corp

7481 Datasheet PDF - Renesas Technology Corp
Part # 7481
Download  7481 Download
File Size   1630.83 Kbytes
Page   98 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER

7481 Datasheet (PDF)

Go To PDF Page Download Datasheet
7481 Datasheet PDF - Renesas Technology Corp

Part # 7481
Download  7481 Click to download

File Size   1630.83 Kbytes
Page   98 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER

7481 Datasheet (HTML) - Renesas Technology Corp


7481 Product details

DESCRIPTION
The 7480/7481 group is the single-chip microcomputer adopting the silicon gate CMOS process. In addition to its simple instruction set, the ROM, RAM, and I/O addresses are placed in the same memory space.
Having built-in serial I/O, A-D converter, and watchdog timer, this
single-chip microcomputer is useful for control of automobiles, office automation equipment and home electric appliances. The 7480/7481 group includes multiple types which differ in the memory type, size, and package.

FEATURES
● Number of basic machine language instructions ..................... 71
● Minimum instruction execution time ...................................0.5 µs
   (at 8 MHz clock input oscillation frequency)
● Memory size ROM ........................................... 4 K to 16 K bytes
                         RAM ............................................ 128 to 448 bytes
● Programmable I/O ports .................................... 18 (7480 group)
   (P0, P1, P4, P5) 24 (7481 group)
● Input ports ............................................................ 8 (7480 group)
   (P2, P3) 12 (7481 group)
● Built-in programmable pull-up transistors (P0, P1)
● Built-in clamp diodes............................................ 2 (7480 group)
   (P4, P5) 8 (7481 group)
● Interrupt ................................................... 14 sources, 13 vectors
● Timer X, Y ..................................................................... 16-bit ✕ 2
● Timer 1, 2 ....................................................................... 8-bit ✕ 2
● Serial I/O ....................... 8-bit x 1 (UART or clock-synchronized)
● A-D converter ............................ 8-bit x 4 channels (7480 group)
   8-bit x 8 channels (7481 group)
● Built-in watchdog timer
● Power source voltage ................................................ 2.7 to 4.5 V
   (at [2.2 VCC-2] MHz clock input oscillation frequency)
   4.5 to 5.5 V
   (at 8 MHz clock input oscillation frequency)
● Power dissipation .............................................................. 35 mW
   (at 8 MHz clock input oscillation frequency and 5 V power source voltage)

APPLICATIONS
   Automobiles, office automation equipment, home electric appliances, etc.




Similar Part No. - 7481

ManufacturerPart #DatasheetDescription
logo
Bi technologies
7481 BITECH-7481 Datasheet
78Kb / 5P
7/8 Diameter 5-Turn Wirewound Precision Potentiometer
7481 BITECH-7481 Datasheet
293Kb / 4P
7/8 Diameter 5-Turn Wirewound Precision Potentiometer
logo
Wurth Elektronik GmbH &...
748111009 WURTH-748111009 Datasheet
534Kb / 7P
WE-LPF Multilayer Chip Low-Pass Filter
002.000
748112024 WURTH-748112024 Datasheet
181Kb / 3P
Low-Pass-Filter WE-LPF
748121055 WURTH-748121055 Datasheet
190Kb / 3P
Low-Pass-Filter WE-LPF
More results


Similar Description - 7481

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37630M4T MITSUBISHI-M37630M4T Datasheet
571Kb / 48P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
38D5 RENESAS-38D5 Datasheet
2Mb / 141P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3826OTP RENESAS-3826OTP Datasheet
999Kb / 91P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38K0 RENESAS-38K0 Datasheet
1Mb / 133P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M3882 RENESAS-M3882 Datasheet
600Kb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C3 RENESAS-38C3 Datasheet
930Kb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C8 RENESAS-38C8 Datasheet
974Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3825 RENESAS-3825 Datasheet
1Mb / 71P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37515M4-XXXHP RENESAS-M37515M4-XXXHP Datasheet
800Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37161M8 RENESAS-M37161M8 Datasheet
1Mb / 129P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com