Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7481 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 7481
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7481 Datasheet(HTML) 3 Page - Renesas Technology Corp

  7481 Datasheet HTML 1Page - Renesas Technology Corp 7481 Datasheet HTML 2Page - Renesas Technology Corp 7481 Datasheet HTML 3Page - Renesas Technology Corp 7481 Datasheet HTML 4Page - Renesas Technology Corp 7481 Datasheet HTML 5Page - Renesas Technology Corp 7481 Datasheet HTML 6Page - Renesas Technology Corp 7481 Datasheet HTML 7Page - Renesas Technology Corp 7481 Datasheet HTML 8Page - Renesas Technology Corp 7481 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 98 page
background image
MITSUBISHI MICROCOMPUTERS
7480/7481 GROUP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
2
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
Fig. 2 Pin configuration (top view)
35
36
37
38
39
40
41
42
34
43
44
P20/IN0
VREF
XIN
XOUT
VSS
AVSS
P30/INT0
VCC
P51
P50
RESET
P17/SRDY
P07
P06
P05
P04
P52
P16/SCLK
P15/TXD
P14/RXD
P53
VSS
M37481MX-XXXFP
M37481MXT-XXXFP
M37481E8-XXXFP
M37481E8T-XXXFP
Outline 44P6N-A
12
13
14
15
16
17
18
19
20
21
22
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
28
29
30
31
32
P17/SRDY
P16/SCLK
P15/TXD
P14/RXD
P13/T1
P12/T0
P11
P10
P23/IN3
P22/IN2
P21/IN1
P20/IN0
VREF
XIN
XOUT
VSS
P07
P06
P05
P04
P03
P02
P01
P00
P41/CNTR1
P40/CNTR0
P33
P32
P31/INT1
P30/INT0
RESET
VCC
17
26
25
24
23
22
18
19
20
21
27
33
35
36
37
38
39
40
41
42
34
P53
P27/IN7
P26/IN6
P25/IN5
P24/IN4
P52
P51
P50
P43
P42
Outline 42P4B
42S1B-A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com