Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7481 Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # 7481
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7481 Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button 7481 Datasheet HTML 30Page - Renesas Technology Corp 7481 Datasheet HTML 31Page - Renesas Technology Corp 7481 Datasheet HTML 32Page - Renesas Technology Corp 7481 Datasheet HTML 33Page - Renesas Technology Corp 7481 Datasheet HTML 34Page - Renesas Technology Corp 7481 Datasheet HTML 35Page - Renesas Technology Corp 7481 Datasheet HTML 36Page - Renesas Technology Corp 7481 Datasheet HTML 37Page - Renesas Technology Corp 7481 Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 98 page
background image
33
MITSUBISHI MICROCOMPUTERS
7480/7481 GROUP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
b7
b0
UART control register UARTCON
(address 00E316)
Character length selection bit (CHAS)
0 : 8-bit
1 : 7-bit
Not used (“1” at read)
Parity enable bit (PARE)
0 : Parity disabled
1 : Parity enabled
Parity selection bit (PARS)
0 : Even parity
1 : Odd parity
Stop bit length selection bit (STPS)
0 : 1 stop bit
1 : 2 stop bits
b7
b0
Serial I/O control register SIOCON
(address 00E216)
BRG count source selection bit (CSS)
0 : f(XIN)/4
1 : f(XIN)/16
Serial I/O synchronous clock selection bit (SCS)
0 : BRG output/4 (when clock synchronous
serial I/O is selected)
BRG output/16 (when UART is selected)
1 : External clock input (when clock synchronous
serial I/O is selected)
External clock input/16 (when UART is selected)
SRDY output enable bit (SRDY)
0 : P17 pin operates as ordinary I/O pin.
1 : P17 pin operates as SRDY output pin.
Transmit interrupt source selection bit (TIC)
0 : Interrupt when transmit buffer is empty.
1 :Interrupt when transmit shift operation is completed.
Transmit enable bit (TE)
0 : Transmit disabled
1 : Transmit enabled
Receive enable bit (RE)
0 : Receive disabled
1 : Receive enabled
Serial I/O mode selection bit (SIOM)
0 : Asynchronous serial I/O (UART)
1 : Clock synchronous serial I/O
Serial I/O enable bit (SIOE)
0 : Serial I/O disabled (P14 to P17: ordinary
I/O ports)
1 : Serial I/O enabled (P14 to P17: serial
I/O function pins)
b7
b0
Transmit buffer empty flag (TBE)
0 : Buffer full
1 : Buffer empty
Receive buffer full flag (RBF)
0 : Buffer empty
1 : Buffer full
Transmit shift register shift completion flag (TSC)
0 : Transmit shift in progress
1 : Transmit shift completed
Overrun error flag (OE)
0 : No error
1 : Overrun error
Parity error flag (PE)
0 : No error
1 : Parity error
Framing error flag (FE)
0 : No error
1 : Framing error
Summing error flag (SE)
0 : (OE)U(PE)U(FE)=0
1 : (OE)U(PE)U(FE)=1
Not used (“1” at read)
Serial I/O status register SIOSTS
(address 00E116)
[Serial I/O Control Register] SIOCON
The serial I/O control register consists of 8 control bits for control
of the serial I/O.
[UART Control Register] UARTCON
The UART control register is a 4-bit control register which is valid
when UART is selected. This 4-bit control register sets a data for-
mat for serial data transfer.
[Serial I/O Status Register] SIOSTS
This is a 7-bit read-only register consisting of flags that indicate
the serial I/O operating status and different error flags. The 3 bits
of bit 4 to bit 6 are valid only in the UART mode.
The receive buffer full flag is cleared to “0” when the receive buffer
register is read.
If there is an error, it is detected at the same time that data is
transferred from the receive shift register to the receive buffer reg-
ister, and the receive buffer full flag is set.
Writing to the serial I/O status register clears all the error flags
(OE, PE, FE, SE).
All the bits of this register are initialized to “0” at reset.
However, if the transmit enable bit of the serial I/O control register
is set to “1”, bit 2 and bit 0 become “1”.
[Transmit Buffer Register/Receive Buffer Register] TB/RG
The transmit buffer register and the receive buffer register are lo-
cated at the same address. The transmit buffer register is a
write-only type and the receive buffer register is a read-only type.
If a character bit length is 7 bits, the MSB of the receive data
stored in the receive buffer is “0”.
[Baud Rate Generator] BRG
The baud rate generator determines a baud rate for serial transfer.
The baud rate generator, being an 8-bit counter with a reload reg-
ister, divides the frequency of the count source by 1/(n+1), where
n is the value written to the baud rate generator.
Fig. 32 Structure of serial I/O related registers (SIOSTS,
UARTCON, SIOCON)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com