Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7481 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # 7481
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7481 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button 7481 Datasheet HTML 45Page - Renesas Technology Corp 7481 Datasheet HTML 46Page - Renesas Technology Corp 7481 Datasheet HTML 47Page - Renesas Technology Corp 7481 Datasheet HTML 48Page - Renesas Technology Corp 7481 Datasheet HTML 49Page - Renesas Technology Corp 7481 Datasheet HTML 50Page - Renesas Technology Corp 7481 Datasheet HTML 51Page - Renesas Technology Corp 7481 Datasheet HTML 52Page - Renesas Technology Corp 7481 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 98 page
background image
MITSUBISHI MICROCOMPUTERS
7480/7481 GROUP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
48
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
Fig. 51 Pin connection in EPROM mode (2)
Fig. 52 Pin connection in EPROM mode (3)
Outline 44P6N-A
: PROM pin (equivalent to M5M27C256K)
12
13
14
15
16
17
18
19
20
21
22
35
36
37
38
39
40
41
42
34
43
44
P20/IN0
VREF
XIN
XOUT
VSS
AVSS
P30/INT0
RESET
VCC
P51
P50
P07
P06
P05
P04
P52
P17/SRDY
P16/SCLK
P15/TXD
P14/RXD
P53
VSS
M37481E8-XXXFP
M37481E8T-XXXFP
D4
D5
D6
D7
VSS
A10
A9
A8
A7
A11
VSS
VCC
VSS
A0
CE
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
VSS
CE
D7
D6
D5
D4
D3
D2
D1
D0
A14
A13
VPP
A12
A11
VCC
OE
VSS
: PROM pin (equivalent to M5M27C256K)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
P17/SRDY
P16/SCLK
P15/TXD
P14/RXD
P13/T1
P12/T0
P11
P10
P23/IN3
P22/IN2
P21/IN1
P20/IN0
VREF
XIN
XOUT
VSS
P07
P06
P05
P04
P03
P02
P01
P00
P41/CNTR1
P40/CNTR0
P33
P32
P31/INT1
P30/INT0
RESET
VCC
Outline 32P4B
32P2W-A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com