Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7481 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # 7481
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7481 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button 7481 Datasheet HTML 55Page - Renesas Technology Corp 7481 Datasheet HTML 56Page - Renesas Technology Corp 7481 Datasheet HTML 57Page - Renesas Technology Corp 7481 Datasheet HTML 58Page - Renesas Technology Corp 7481 Datasheet HTML 59Page - Renesas Technology Corp 7481 Datasheet HTML 60Page - Renesas Technology Corp 7481 Datasheet HTML 61Page - Renesas Technology Corp 7481 Datasheet HTML 62Page - Renesas Technology Corp 7481 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 98 page
background image
MITSUBISHI MICROCOMPUTERS
7480/7481 GROUP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
58
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
Table 13. Recommended operating conditions (cont.)
Symbol
Parameter
Standard values
Min.
Typ.
Max.
Unit
1
2
250
500
1
2
2.2VCC –2
8
f(CNTR)
f(SCLK)
f(XIN)
f(XIN) = 4 MHz
f(XIN) = 8 MHz
f(XIN) = 4 MHz
f(XIN) = 8 MHz
f(XIN) = 4 MHz
f(XIN) = 8 MHz
VCC = 2.7 to 4.5 V
VCC = 4.5 to 5.5 V
MHz
kHz
MHz
MHz
Timer input frequency CNTR0 (P40),
CNTR1 (P41) (Note 3)
Clock input oscillation frequency (Note 3)
Serial I/O clock input
frequency SCLK (P16)
(Note 3)
Clock synchronous
serial I/O mode
UART mode
Notes 1 : –40 to 85 °C for extended operating temperature range version.
2 : The average output currents IOH(avg) and IOL(avg) are the average values during 100 ms.
3 : The clock input oscillation frequency is at 50 % duty ratio.
4 : When applying a voltage through a resistor as shown in the figure 55, VI > VCC may be accepted if the current is 1 mA or less.
Fig. 55 Notes on use of ports P4 and P5
Notes on Clamp Diode (7481 Group)
(1) Total input current
The current of ports P4 and P5 through the clamp diode can
be drawn up to 1.0 mA per port. When a current that cannot be
consumed by microcomputer is sent flow to the clamp diode,
this may raise the power source pin voltage of the microcom-
puter.
The system power circuit must be designed so that the power
source voltage of the microcomputer may be stabilized within
the standard values.
(2) Maximum input voltage
If the input voltage of a signal connected to ports P4 and P5 is
beyond VCC + 0.3 V, the input waveform should have a delay
exceeding 2
µs/V from the moment that this waveform goes
over the voltage.
For using a CR circuit for delay, calculate a proper delay value
by the following expression:
where VIN = Maximum input voltage amplitude margin and
t = C ! R.
dt
dv
=≥ 2 ! 10–6 (s/V)
t
0.6 ! VIN
Port P4, P5
I
VI
The clamp diode of the 7480/7481 group is designed for a level
shift of DC signal unlike ordinary switching diodes. Do not apply
sudden stress, such as rush current, directly to the diode.
Notes on Countermeasures for Noise and
Latch-up (7481 Group)
(1) Connect a bypass capacitor (0.1
µF) across the VCC pin and
the VSS pin with the shortest possible wiring, using a relatively
thick wire.
(2) Connect a bypass capacitor (0.01
µF) across the VREF pin and
the VSS pin with the shortest possible wiring, using a relatively
thick wire.
(3) In the oscillation circuit, connect across the XIN and XOUT pins
with the shortest possible wiring. Connect the GND and VSS
pins of the oscillation circuit with the shortest possible wiring,
using a relatively thick wire.
(4) In the case of the P33/VPP pin of the built-in programmable
ROM version, connect an approximately 5 k
Ω resistor to the
P33/VPP pin the shortest possible in series.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com